Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6111 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N6111
Description  SILICON PNP SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N6111 Datasheet(HTML) 2 Page - STMicroelectronics

  2N6111_03 Datasheet HTML 1Page - STMicroelectronics 2N6111_03 Datasheet HTML 2Page - STMicroelectronics 2N6111_03 Datasheet HTML 3Page - STMicroelectronics 2N6111_03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.12
70
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEX
Collector Cut-off
Current (VBE = - 1.5V)
VCE = -40 V
VCE = -30 V
TC = 150
oC
-0.1
-2
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = -20 V
-1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-1
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = -0.1 A
-30
V
VCER(sus)
∗ Collector-Emitter
Sustaining Voltage
(IC = 0)
IC = -0.1 A
RBE = 100
Ω
-40
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -2 A
IB = -0.2 A
IC = -7 A
IB = -3.0 A
-1
-3.5
V
V
VBE(on)
∗ Base-Emitter Voltage
IC = -2 A
VCE = -4 V
IC = -7 A
VCE = -4 V
-5
-3
V
V
hFE
∗
DC Current Gain
IC = -3 A
VCE = -4 V
IC = -7 A
VCE = -4 V
30
2.3
150
hfe
Small Signal Current
Gain
IC = -0.5 A
VCE = -4 V
f = 50 KHz
20
fT
Transition-Frequency
IC = -0.5 A
VCE = -4 V
4
MHz
Ccbo
Collector-base
Capacitance
VCB = -10 V
f = 1 MHz
250
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2N6111
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com