Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB772 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2SB772
Description  PNP MEDIUM POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2SB772 Datasheet(HTML) 3 Page - STMicroelectronics

  2SB772 Datasheet HTML 1Page - STMicroelectronics 2SB772 Datasheet HTML 2Page - STMicroelectronics 2SB772 Datasheet HTML 3Page - STMicroelectronics 2SB772 Datasheet HTML 4Page - STMicroelectronics 2SB772 Datasheet HTML 5Page - STMicroelectronics 2SB772 Datasheet HTML 6Page - STMicroelectronics 2SB772 Datasheet HTML 7Page - STMicroelectronics 2SB772 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SB772
2 Electrical Characteristics
3/8
2
Electrical Characteristics
Table 3.
Electrical Characteristics (TCASE = 25°C; unless otherwise specified)
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = -60 V
-10
µA
ICEO
Collector Cut-off Current
(IB = 0)
VCE = -30 V
-100
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-10
µA
V(BR)CEO
Note: 1
Collector-Emitter Breakdown
Voltage
(IB = 0 )
IC = -10 mA
-30
V
V(BR)CBO
Collector-Base Breakdown
Voltage
(IE = 0 )
IC = -100 µA
-60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
(IC = 0 )
IE = -100 µA
-5
V
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = -1 A
IB = -50 mA
IC = -2 A
IB = -100 mA
IC = -3 A
IB = -150 mA
-0.4
-0.7
-1.1
V
V
V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage IC = -2 A
IB = -100 mA
-1.2
V
hFE
DC Current Gain
IC = -100 mA
VCE = -2 V
IC = -1 A
VCE = -2 V
IC = -3 A
VCE = -2 V
100
80
30
300
fT
Transition Frequency
IC = -0.1 A
VCE = -10 V
100
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com