Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5000 Datasheet(PDF) 19 Page - Texas Instruments

Part # TAS5000
Description  Digital Audio Pwm Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5000 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5000_06 Datasheet HTML 15Page - Texas Instruments TAS5000_06 Datasheet HTML 16Page - Texas Instruments TAS5000_06 Datasheet HTML 17Page - Texas Instruments TAS5000_06 Datasheet HTML 18Page - Texas Instruments TAS5000_06 Datasheet HTML 19Page - Texas Instruments TAS5000_06 Datasheet HTML 20Page - Texas Instruments TAS5000_06 Datasheet HTML 21Page - Texas Instruments TAS5000_06 Datasheet HTML 22Page - Texas Instruments TAS5000_06 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
3–3
3.4.2
Serial Audio Ports Master Mode
Load conditions: 50pF
(TA = 25°C, DVDD1 = DVDD2 = DVDD3_L = DVDD3_R = AVDD1 = AVDD2 = 3.3 V ±10%)
PARAMETER
MIN
TYP
MAX
UNIT
t(MSD)
MCLK to SCLK
0
5
ns
t(MLRD)
MLCK to LRCLK
0
5
ns
SCLK, LRCLK duty cycle
50%
3.4.3
DSP Serial Interface Mode
(TA = 25°C, DVDD1 = DVDD2 = DVDD3_L = DVDD3_R = AVDD1 = AVDD2 = 3.3 V ±10%)
PARAMETER
MIN
TYP
MAX
UNIT
f(SCLK)
SCLK frequency
6.144
MHz
tW(FSHIGH)
Pulse duration, sync
1/(64
×fs)
ns
tsu(SDIN),
tsu(LRCLK)
SDIN and LRCLK setup time before SCLK falling edge
20
ns
th(SDIN),
th(LRCLK)
SDIN and LRCLK hold time from SCLK falling edge
10
ns
SCLK duty cycle
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com