Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9271 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9271
Description  IC FOR 10.00 - 40.00 MHz PXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9271 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9271 Datasheet HTML 1Page - Micro Analog systems MAS9271 Datasheet HTML 2Page - Micro Analog systems MAS9271 Datasheet HTML 3Page - Micro Analog systems MAS9271 Datasheet HTML 4Page - Micro Analog systems MAS9271 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DA9271.005
13 July 2006
3 (5)
ELECTRICAL CHARACTERISTICS
(recommended operation conditions)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Frequency Range
fo
10.00
40.00
MHz
1)
Output Voltage (10 pF, Vdd 2.7V)
Vout
2.3
Vpp
Output Voltage (10 pF, Vdd 5.0V)
Vout
4.5
Vpp
Rise and Fall Time (10 - 50pF)
10
ns
Output Symmetry
45
55
%
Crystal Load
CG
5.1
11.5
pF
2)
Startup Time
TSTART
2
ms
Negative Resistance in Maximum
CDAC Load at 32 MHz
NegR
85
Negative Resistance in Maximum
CDAC Load at 40 MHz
NegR
40
Tri State Output Buffer
ON State
OFF State
PD
1.6
0
VDD
0.55
V
3)
Note 1: Rs < 10 Ω crystal provides typically a maximum frequency of 40 MHz and Rs<30 Ω a maximum
frequency of 32 MHz. With Rs = 50 Ω crystal the maximum frequency is typically 26 MHz.
Note 2: Crystal Load is at minimum when all CDAC bits are 0s, and at maximum when all CDAC bits are 1s
Note 3: If the Tri State Output Buffer pin is floating (i.e. PD pin is not connected), the Oscillator is in ON state.
IC OUTLINES
Note 1: Also available in AK2140 pin order.
Note 2: MAS9271 pads are round with 80 µm diameter at opening.
Note 3: Pins PV, CLK and DA must not be connected in PXO module end-user application.
1200 µm
Die map reference
VDD
CLK
PV
OUT
X2
VSS
X1
PD
MAS9271
DA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com