Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321AILT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS321AILT
Description  Low Power Single Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS321AILT Datasheet(HTML) 4 Page - STMicroelectronics

  TS321AILT Datasheet HTML 1Page - STMicroelectronics TS321AILT Datasheet HTML 2Page - STMicroelectronics TS321AILT Datasheet HTML 3Page - STMicroelectronics TS321AILT Datasheet HTML 4Page - STMicroelectronics TS321AILT Datasheet HTML 5Page - STMicroelectronics TS321AILT Datasheet HTML 6Page - STMicroelectronics TS321AILT Datasheet HTML 7Page - STMicroelectronics TS321AILT Datasheet HTML 8Page - STMicroelectronics TS321AILT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics
TS321
4/12
3
Electrical Characteristics
Table 2.
Vcc
+ = +5V, V
cc
- = Ground, V
o = 1.4V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (1)
Tamb = +25°C
TS321A
Tmin. ≤ Tamb ≤ Tmax.
TS321A
0.5
4
2
5
3
mV
Iio
Input Offset Current
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
230
50
nA
Iib
Input Bias Current (2)
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax
20
150
200
nA
Avd
Large Signal Voltage
Gain
VCC
+ = +15V, R
L = 2kΩ, Vo = 1.4V to 11.4V
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
50
25
100
V/mV
SVR
Supply Voltage
Rejection Ratio
Rs ≤ 10kΩ
VCC
+ = 5 to 30V
Tamb = +25°C
65
110
dB
ICC
Supply Current, no load
Tamb = +25°C, VCC = +5V
VCC = +30V
Tmin. ≤ Tamb ≤ Tmax., VCC = +5V
VCC = +30
500
600
600
800
900
900
1000
µA
Vicm
Common Mode Input
Voltage Range (3)
VCC = +30V
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
0
0
VCC -1.5
VCC -2
V
CMR
Common Mode
Rejection Ratio
Rs ≤ 10kΩ
Tamb = +25°C
65
85
dB
Isource
Output Current Source
Vid = +1V
VCC = +15V, Vo = +2V
20
40
mA
Isink
Output Sink Current
Vid = -1V
VCC = +15V, Vo = +2V
VCC = +15V, Vo = +0.2V
10
12
20
50
mA
µA
Io
Short Circuit to Ground
VCC = +15V
40
60
mA
VOH
High Level Output
Voltage
VCC = +30V
Tamb = +25°C, RL = 2kΩ
Tmin. ≤ Tamb ≤ Tmax.
Tamb = +25°C, RL = 10kΩ
Tmin. ≤ Tamb ≤ Tmax.
VCC = +5V, RL = 2kΩ
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
26
25.5
27
26.5
3.5
3
27
28
V
VOL
Low Level Output
Voltage
RL = 10kΩ
Tamb = +25°C
Tmin. ≤ Tamb ≤ Tmax.
515
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com