Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9276 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS9276
Description  IC for 10.00 - 30.00 MHz VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9276 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS9276 Datasheet HTML 1Page - Micro Analog systems MAS9276 Datasheet HTML 2Page - Micro Analog systems MAS9276 Datasheet HTML 3Page - Micro Analog systems MAS9276 Datasheet HTML 4Page - Micro Analog systems MAS9276 Datasheet HTML 5Page - Micro Analog systems MAS9276 Datasheet HTML 6Page - Micro Analog systems MAS9276 Datasheet HTML 7Page - Micro Analog systems MAS9276 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DA9276.003
13 July, 2006
3 (8)
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note
Frequency Range
fo
10.00
30.00
MHz
Voltage Control Range
VC
0
Vdd
Frequency vs. Supply Voltage
dfo
±0.2
ppm
1)
Frequency vs. Load Change
dfo
±0.2
ppm
2)
Voltage Control Sensitivity (VCR = 0)
VCSENS
11
25
ppm/V
3)
Voltage Control Sensitivity (VCR = 1)
VCSENS
5
11
ppm/V
Output Voltage (10kΩ // 10 pF)
Vout
1.0
Vpp
Compensation Range ± 2.5 ppm
TC
-30
85
oC
Compensation Range ± 2.0 ppm
TC
-25
75
oC
Compensation Range Linear Part
a1
-0.7
0.0
ppm/K
Compensation Inflection Point
INF
25
31
oC
Compensation Range Cubic Part
a3
95
ppm
2/K3
Compensation CDAC1 (8 Bit)
CX1
C10
C10 + 18
pF
4)
Start up Time
TSTART
2
ms
Note 1: VDD within +/- 5%
Note 2: R = 10 kohm +/- 10%, C = 10 pF +/- 10%
Note 3: default
Note 4: typ C10 = 13 pF
IC OUTLINES
Note 1: MAS9276 pads are round with 80 µm diameter at opening.
Note 2: Pins CLK and DA can either be connected to VSS or left floating, pin PV can either be connected to
VDD or left floating and pin TE1 must be left floating in VCTCXO module end-user application.
Note 3: Die map reference is the actual left bottom corner of the sawn chip.
VDD
PV
CLK
DA
TE1
TE2
VC
X1
X2
VSS
OUT
MAS9276
2204 µm
Die map reference



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com