Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL245A Datasheet(PDF) 2 Page - Texas Instruments

Part # LL245A
Description  3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LL245A Datasheet(HTML) 2 Page - Texas Instruments

  LL245A Datasheet HTML 1Page - Texas Instruments LL245A Datasheet HTML 2Page - Texas Instruments LL245A Datasheet HTML 3Page - Texas Instruments LL245A Datasheet HTML 4Page - Texas Instruments LL245A Datasheet HTML 5Page - Texas Instruments LL245A Datasheet HTML 6Page - Texas Instruments LL245A Datasheet HTML 7Page - Texas Instruments LL245A Datasheet HTML 8Page - Texas Instruments LL245A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
abc
SN54LVTH16245A
,, SN74LVTH16245A
3.3-V ABT 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS143R – MAY 1992 – REVISED NOVEMBER 2006
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
FBGA – GRD
SN74LVTH16245AGRDR
Reel of 1000
LL245A
FBGA – ZRD (Pb-free)
SN74LVTH16245AZRDR
74LVTH16245ADL
Tube of 25
74LVTH16245ADLG4
SSOP – DL
LVTH16245A
74LVTH16245ADLR
Reel of 1000
74LVTH16245ADLRG4
–40
°C to 85°C
SN74LVTH16245ADGGR
TSSOP – DGG
Reel of 2000
74LVTH16245ADGGRE4
LVTH16245A
74LVTH16245ADGGRG4
SN74LVTH16245ADGVR
TVSOP – DGV
Reel of 2000
LL245A
74LVTH16245ADGVRE4
VFBGA – GQL
SN74LVTH16245AGQLR
Reel of 1000
LL245A
VFBGA – ZQL (Pb-free)
74LVTH16245AZQLR
–55
°C to 125°C
CFP – WD
Tube
SNJ54LVTH16245AWD
SNJ54LVTH16245AWD
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1DIR
NC
NC
NC
NC
1OE
B
1B2
1B1
GND
GND
1A1
1A2
C
1B4
1B3
VCC
VCC
1A3
1A4
D
1B6
1B5
GND
GND
1A5
1A6
E
1B8
1B7
1A7
1A8
F
2B1
2B2
2A2
2A1
G
2B3
2B4
GND
GND
2A4
2A3
H
2B5
2B6
VCC
VCC
2A6
2A5
J
2B7
2B8
GND
GND
2A8
2A7
K
2DIR
NC
NC
NC
NC
2OE
abc
abc
(1)
NC – No internal connection
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com