Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE100A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STE100A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE100A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STE100A Datasheet HTML 17Page - STMicroelectronics STE100A Datasheet HTML 18Page - STMicroelectronics STE100A Datasheet HTML 19Page - STMicroelectronics STE100A Datasheet HTML 20Page - STMicroelectronics STE100A Datasheet HTML 21Page - STMicroelectronics STE100A Datasheet HTML 22Page - STMicroelectronics STE100A Datasheet HTML 23Page - STMicroelectronics STE100A Datasheet HTML 24Page - STMicroelectronics STE100A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
STE10/100A
Functional description
21/82
Collision handling
The scheduling of re-transmissions are determined by a controlled randomization process
called “truncated binary exponential back-off”. At the end of enforcing a collision (jamming),
the STE10/100A delays before attempting to re-transmit the packet. The delay is an integer
multiple of slot time. The number of slot times to delay before the nth re-transmission
attempt is chosen as a uniformly distributed integer r in the range:
0 · r < 2k where k = min(n, 10)
3.5.2
Transceiver operation
The transceiver portion of the ste10/100a integrates the ieee802.3u compliant functions of
PCS (physical coding sub-layer), PMA (physical medium attachment) sub-layer, and PMD
(physical medium dependent) sub-layer for 100base-tx, and the ieee802.3 compliant
functions of manchester encoding/decoding and transceiver for 10base-t. All the functions
and operating schemes are described in the following sections.
100BASE-TX transmit operation
For 100BASE-TX transmissions, the STE10/100A transceiver provides the transmission
functions of PCS, PMA, and PMD for encoding of MII data nibbles into five-bit code-groups
(4B/5B), scrambling, serialization of scrambled code-groups, converting the serial NRZ code
into NRZI code, converting the NRZI code into MLT3 code, and then driving the MLT3 code
into the category 5 unshielded twisted pair cable through an isolation transformer with the
turns ratio of 1: 1.
Recommended transformers
HB626-1 from transpower technologies, 9410 prototype drive, suite #1, Reno, NV 89511.
Tel: (775) 852-0140 and H1102 from pulse engineering Inc., 12220 World Trade Drive, San
Diego, CA92128. Tel: (619) 674-8100.
Data code-groups encoder
In normal MII mode applications, the transceiver receives nibble type 4B data via the
TxD0~3 inputs of the MII. These inputs are sampled by the transceiver on the rising edge of
Tx-clk and passed to the 4B/5B encoder to generate the 5B code-group used by 100BASE-
TX.
Idle code-groups
In order to establish and maintain the clock synchronization, the transceiver must keep
transmitting signals to medium. The transceiver will generate Idle code-groups for
transmission when there is no actual data to be sent by MAC.
Start-of-stream delimiter-SSD (/J/K/)
In a transmission stream, the first 16 nibbles comprise the MAC preamble. In order to let a
network partner delineate the boundary of a data transmission sequence and to
authenticate carrier events, the transceiver will replace the first 2 nibbles of the MAC
preamble with /J/K/ code-groups.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com