Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER3DB Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # ER3DB
Description  ER3DB ULTRAFAST RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

ER3DB Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  ER3DB Datasheet HTML 1Page - SMC Diode Solutions Co. LTD ER3DB Datasheet HTML 2Page - SMC Diode Solutions Co. LTD ER3DB Datasheet HTML 3Page - SMC Diode Solutions Co. LTD ER3DB Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Data
Data Sheet N0170, Rev. B
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
ER3DB
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Mechanical Dimensions SMB
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
3.30
3.94
0.130
0.155
B
4.06
4.70
0.160
0.185
C
1.80
2.20
0.071
0.087
D
0.152
0.305
0.006
0.012
E
4.80
5.59
0.189
0.220
F
2.10
2.60
0.083
0.102
G
0.051
0.203
0.002
0.008
H
0.76
1.52
0.030
0.060
Ordering Information
Marking Diagram
Device
Package
Shipping
ER3DB
SMB (Pb-Free)
3000pcs / reel
Carrier Tape Specification SMB
SYMBOL
Millimeters
Min.
Max.
A
2.97
3.17
B
5.70
5.90
C
2.32
2.52
d
1.40
1.60
E
1.40
1.60
F
5.60
5.70
P
3.90
4.10
P0
3.90
4.10
P1
1.90
2.10
T
0.25
0.35
W
11.80
12.20
Where XXXXX is YYWWL
ER
= Device Type
3
= Forward Current (3A)
D
= Reverse Voltage (200V)
B
= Package type
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com