Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9280B3TG00 Datasheet(PDF) 1 Page - Micro Analog systems

Part # MAS9280B3TG00
Description  IC FOR 18.00 - 40.00 MHz VCTCXO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9280B3TG00 Datasheet(HTML) 1 Page - Micro Analog systems

  MAS9280B3TG00 Datasheet HTML 1Page - Micro Analog systems MAS9280B3TG00 Datasheet HTML 2Page - Micro Analog systems MAS9280B3TG00 Datasheet HTML 3Page - Micro Analog systems MAS9280B3TG00 Datasheet HTML 4Page - Micro Analog systems MAS9280B3TG00 Datasheet HTML 5Page - Micro Analog systems MAS9280B3TG00 Datasheet HTML 6Page - Micro Analog systems MAS9280B3TG00 Datasheet HTML 7Page - Micro Analog systems MAS9280B3TG00 Datasheet HTML 8Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DA9280.003
13 July 2006
1 (8)
MAS9280
IC FOR 18.00 – 40.00 MHz VCTCXO
•
Min. Supply Voltage 2.4 V
•
Max. Frequency 40 MHz
•
True Sine Wave Output
•
Frequency Stability +/- 1.5 ppm
•
Suitable Also for Low Pull
Crystals
•
Very Low Phase Noise
DESCRIPTION
The MAS9280 is an integrated circuit well suited to
build
VCTCXO
for
mobile
communication.
Temperature
calibration
is
achieved
in
three
calibration temperatures only. The trimming is done
through a serial bus and the calibration information
is stored in an internal PROM. This means no
rework for trimming is needed.
To build a VCTCXO additionally only a crystal is
required. The compensation method is fully analog,
working continuously without generating any steps
or other interference.
Divider
function
allows
the usage of
double
frequency crystal.
FEATURES
APPLICATIONS
•
Very small size
•
Minimum Vdd 2.4V
•
No voltage reference capacitor needed
•
Phase noise <-110 dBc/Hz at 100 Hz and
<-130 dBc/Hz at 1kHz @ 32 MHz crystal
•
Programmable VC-sensitivity
•
Oscillator frequency output fo /2 versions
available
•
VCTCXO for mobile phones
•
VCTCXO for other telecommunications
systems
BLOCK DIAGRAM
T
Vref
TMux
Σ
DA
CLK
PV
VSS
VC
VDD
4
4
f(T)
f(T)
4
8
CUB
INF
SENS
LIN
8
CDAC1
CDAC2
TE1
TE2
X2
OUT
X1
2
MAS9280
This is preliminary information on a new
product under development. Micro Analog
Systems Oy reserves the right to make any
changes without notice.


Similar Part No. - MAS9280B3TG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9281 MAS-MAS9281 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A0TG00 MAS-MAS9281A0TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A1TG00 MAS-MAS9281A1TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A2TG00 MAS-MAS9281A2TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
MAS9281A3TG00 MAS-MAS9281A3TG00 Datasheet
76Kb / 6P
IC FOR 10.00 - 60.00 MHz XO
More results

Similar Description - MAS9280B3TG00

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6282 MAS-MAS6282 Datasheet
106Kb / 5P
IC FOR 6.50 - 40.00 MHz VCTCXO
MAS1175 MAS-MAS1175 Datasheet
123Kb / 9P
IC FOR 10.00 - 20.00 MHz VCTCXO
MAS9270 MAS-MAS9270 Datasheet
129Kb / 9P
IC FOR 10.00 - 30.00 MHz VCTCXO
MAS9271 MAS-MAS9271 Datasheet
76Kb / 5P
IC FOR 10.00 - 40.00 MHz PXO
MAS9276 MAS-MAS9276 Datasheet
125Kb / 8P
IC for 10.00 - 30.00 MHz VCTCXO
MAS9279 MAS-MAS9279 Datasheet
177Kb / 10P
IC FOR 10.00 - 52.00 MHz VCTCXO
MAS6279B MAS-MAS6279B Datasheet
165Kb / 9P
IC FOR 5.00 ??64.00 MHz VCTCXO
logo
Advanced Thermal Soluti...
ATS040040018-PF-13Q ATS-ATS040040018-PF-13Q Datasheet
390Kb / 1P
40.00 x 40.00 x 18.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin Fin
Rev - 050413
ATS040040018-SF-13Q ATS-ATS040040018-SF-13Q Datasheet
418Kb / 1P
40.00 x 40.00 x 18.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 050413
logo
Micro Analog systems
MAS6279D8 MAS-MAS6279D8 Datasheet
594Kb / 12P
IC FOR 5.00 ??64.00 MHz VCTCXO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com