Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7653 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7653
Description  14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7653 Datasheet HTML 9Page - Analog Devices AD7653 Datasheet HTML 10Page - Analog Devices AD7653 Datasheet HTML 11Page - Analog Devices AD7653 Datasheet HTML 12Page - Analog Devices AD7653 Datasheet HTML 13Page - Analog Devices AD7653 Datasheet HTML 14Page - Analog Devices AD7653 Datasheet HTML 15Page - Analog Devices AD7653 Datasheet HTML 16Page - Analog Devices AD7653 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD7952
Rev. 0 | Page 13 of 32
–160
–140
–120
–100
–80
–60
–40
–20
0
0
100
200
400
300
500
FREQUENCY (kHz)
fS = 1000kSPS
fIN = 19.94kHz
SNR = 85.4dB
THD = –107dB
SFDR = 116dB
SINAD = 85.4dB
Figure 11. FFT 20 kHz
78
80
82
84
86
88
1
10
100
13.5
13.7
13.9
14.1
14.3
14.5
SNR
SINAD
ENOB
FREQUENCY (kHz)
Figure 12. SNR, SINAD, and ENOB vs. Frequency
84.0
84.5
85.0
85.5
86.0
–55
–35
–15
5
25
45
65
85
105
125
0V TO 5V
0V TO 10V
±5V
±10V
TEMPERATURE (°C)
Figure 13. SNR vs. Temperature
85.0
85.5
86.0
86.5
–60
–50
–40
–30
–20
–10
0
INPUT LEVEL (dB)
SNR
SINAD
Figure 14. SNR and SINAD vs. Input Level (Referred to Full Scale)
–130
–120
–110
–100
–90
–80
–70
110
1
60
70
80
90
100
110
120
00
SFDR
THD
SECOND
HARMONIC
FREQUENCY (kHz)
THIRD
HARMONIC
Figure 15. THD, Harmonics, and SFDR vs. Frequency
84.0
84.5
85.0
85.5
86.0
TEMPERATURE (°C)
–55
–35
–15
5
25456585
105
125
0V TO 5V
0V TO 10V
±5V
±10V
Figure 16. SINAD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com