Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STR1230 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2STR1230
Description  Low voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR1230 Datasheet(HTML) 1 Page - STMicroelectronics

  2STR1230 Datasheet HTML 1Page - STMicroelectronics 2STR1230 Datasheet HTML 2Page - STMicroelectronics 2STR1230 Datasheet HTML 3Page - STMicroelectronics 2STR1230 Datasheet HTML 4Page - STMicroelectronics 2STR1230 Datasheet HTML 5Page - STMicroelectronics 2STR1230 Datasheet HTML 6Page - STMicroelectronics 2STR1230 Datasheet HTML 7Page - STMicroelectronics 2STR1230 Datasheet HTML 8Page - STMicroelectronics 2STR1230 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2006
Rev 2
1/10
10
Order codes
Part Number
Marking
Package
Packing
2STR1230
130
SOT-23
Tape & reel
2STR1230
Low voltage fast-switching NPN power transistor
General features
■
Very low collector-emitter saturation voltage
■
High current gain characteristic
■
Fast switching speed
■
Miniature SOT-23 plastic package for surface
mounting circuits
■
In compliance with the 2002/93/EC European
Directive
Description
The device is a NPN transistor manufactured
using new “PB-HCD” (Power Bipolar High Current
Density) technology. The resulting transistor
shows exceptional high gain performances
coupled with very low saturation voltage.
The complementary PNP is the 2STR2230.
Applications
■
LED
■
Motherboard & hard disk drive
■
Mobile equipment
■
Battery charger
■
Voltage regulation
Internal schematic diagram
SOT-23
www.st.com


Similar Part No. - 2STR1230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
Low voltage fast-switching NPN power transistor
18-Jul-2006
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
17Mb / 56P
38 V, 10 W synchronous iso-buck converter for isolated applications
04-Oct-2022
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
More results

Similar Description - 2STR1230

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSA851 STMICROELECTRONICS-STSA851 Datasheet
226Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
STSA1805 STMICROELECTRONICS-STSA1805 Datasheet
225Kb / 8P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
2STD1665 STMICROELECTRONICS-2STD1665 Datasheet
281Kb / 12P
Low voltage fast-switching NPN power transistor
08-May-2006
2STR1215 STMICROELECTRONICS-2STR1215 Datasheet
198Kb / 10P
Low voltage fast-switching NPN power transistor
18-Jul-2006
2STX1360 STMICROELECTRONICS-2STX1360 Datasheet
175Kb / 10P
LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
STD1802 STMICROELECTRONICS-STD1802_07 Datasheet
248Kb / 10P
Low voltage fast-switching NPN power transistor
12-Jul-2007
2STR1160 STMICROELECTRONICS-2STR1160 Datasheet
247Kb / 11P
Low voltage fast-switching NPN power transistor
12-Feb-2008
2STD1665 STMICROELECTRONICS-2STD1665_08 Datasheet
220Kb / 11P
Low voltage fast-switching NPN power transistor
27-Mar-2008
2STR1215 STMICROELECTRONICS-2STR1215_08 Datasheet
140Kb / 10P
Low voltage fast-switching NPN power transistor
08-Sep-2008
STN851 STMICROELECTRONICS-STN851_09 Datasheet
237Kb / 10P
Low voltage fast-switching NPN power transistor
16-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com