Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

215 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 215
Description  Low voltage fast-switching PNP power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

215 Datasheet(HTML) 1 Page - STMicroelectronics

  215 Datasheet HTML 1Page - STMicroelectronics 215 Datasheet HTML 2Page - STMicroelectronics 215 Datasheet HTML 3Page - STMicroelectronics 215 Datasheet HTML 4Page - STMicroelectronics 215 Datasheet HTML 5Page - STMicroelectronics 215 Datasheet HTML 6Page - STMicroelectronics 215 Datasheet HTML 7Page - STMicroelectronics 215 Datasheet HTML 8Page - STMicroelectronics 215 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2006
Rev 2
1/11
11
Order codes
Part Number
Marking
Package
Packing
2STR2215
215
SOT-23
Tape & reel
2STR2215
Low voltage fast-switching PNP power transistor
General features
■
Very low collector-emitter saturation voltage
■
High current gain characteristic
■
Fast switching speed
■
Miniature SOT-23 plastic package for surface
mounting circuits
■
In compliance with the 2002/93/EC European
Directive
Description
The 2STR2215 is a PNP transistor manufactured
using new “PB-HCD” (Power Bipolar High Current
Density) technology. The resulting transistor
shows exceptional high gain performances
coupled with very low saturation voltage.
The complementary NPN is the 2STR1215.
Applications
■
LED
■
Battery charger
■
Motor and relay driver
■
Voltage regulation
Internal schematic diagram
SOT-23
www.st.com


Similar Part No. - 215

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
215 RFSOLUTIONS-215 Datasheet
396Kb / 11P
Modular Radio Telemetry System
logo
Marl International Limi...
215 MARL-215 Datasheet
286Kb / 5P
Direct replacement for T3 쩌 Bayonet Automobile Cap
logo
Alpha Wire
215 ALPHAWIRE-215 Datasheet
179Kb / 2P
M8 Male 4 Pin Field Attachable
logo
Littelfuse
215 LITTELFUSE-215 Datasheet
1,015Kb / 4P
5횞20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
logo
3M Electronics
215 3M-215 Datasheet
562Kb / 6P
3M??Scotch짰 Fine Line Tape 215
More results

Similar Description - 215

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2STN2540 STMICROELECTRONICS-2STN2540 Datasheet
162Kb / 9P
Low voltage fast-switching PNP power bipolar transistor
03-Nov-2006
2STR2230 STMICROELECTRONICS-2STR2230 Datasheet
185Kb / 9P
Low voltage fast-switching PNP power transistor
07-Nov-2006
STN951 STMICROELECTRONICS-STN951 Datasheet
121Kb / 8P
Low voltage fast-switching PNP power transistor
30-Nov-2006
2STF2340 STMICROELECTRONICS-2STF2340 Datasheet
196Kb / 11P
Low voltage fast-switching PNP power transistor
04-Dec-2007
STD2805 STMICROELECTRONICS-STD2805 Datasheet
149Kb / 9P
Low voltage fast-switching PNP power transistor
26-Jun-2007
2STR2160 STMICROELECTRONICS-2STR2160 Datasheet
123Kb / 9P
Low voltage fast-switching PNP power transistor
18-Jun-2008
2STR2215 STMICROELECTRONICS-2STR2215_08 Datasheet
139Kb / 10P
Low voltage fast-switching PNP power transistor
08-Sep-2008
STN951 STMICROELECTRONICS-STN951_08 Datasheet
100Kb / 8P
Low voltage fast-switching PNP power transistor
13-Oct-2008
logo
Continental Device Indi...
2CF2325 CDIL-2CF2325 Datasheet
69Kb / 3P
PNP LOW VOLTAGE FAST SWITCHING POWER TRANSISTOR
logo
STMicroelectronics
2STX2360 STMICROELECTRONICS-2STX2360 Datasheet
158Kb / 9P
Low voltage fast-switching PNP power transistor
04-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com