Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283AASM06 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS9283AASM06
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283AASM06 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS9283AASM06 Datasheet HTML 5Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 6Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 7Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 8Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 9Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 10Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 11Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 12Page - Micro Analog systems MAS9283AASM06 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DA9283.006
13 July 2006
9 (14)
PACKAGE (TSSOP-8) OUTLINE
Symbol
Min
Nom
Max
Unit
A
--
--
1.10
mm
A1
0.05
--
0.15
mm
A2
0.85
0.90
0.95
mm
b
0.19
--
0.30
mm
b1
0.19
0.22
0.25
mm
c
0.09
--
0.20
mm
c1
0.09
--
0.16
mm
D
2.90
3.00
3.10
mm
E
6.4 BSC
mm
E1
4.30
4.40
4.50
mm
e
0.65 BSC
mm
L
0.50
0.60
0.75
mm
L1
1.00 REF
R
0.09
--
--
mm
S
--
0.20
--
mm
Dimensions do not include mold or interlead flash, protrusions or gate burrs.
Reference Standard : JEDEC MO-153.
b
0°-8°
R
A
A
VIEW A-A
B
B
E
E1
e
e / 2
A
A2
A1
D
b
c
c1
b1
GAUGE PLANE
0.25
VIEW B-B
INDEX AREA
12°REF
12°REF
L
L1
S
MS/ 21.11.2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com