Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036AIPFCR Datasheet(PDF) 28 Page - Texas Instruments

Part # TAS5036AIPFCR
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036AIPFCR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS5036AIPFCR Datasheet HTML 24Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 25Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 26Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 27Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 28Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 29Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 30Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 31Page - Texas Instruments TAS5036AIPFCR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
Architecture Overview
22
SLES061B—November 2002—Revised January 2004
TAS5036A
2.4.4 PWM DC-Offset Correction
An 8-bit value can be programmed to each of the six PWM offset correction registers to correct for any offset
present in the output stages. The offset correction is divided into 256 intervals with a total offset correction of
±1.56% of full scale. The default value is zero correction represented by 00h. These values can be changed
at any time through the serial control interface.
2.4.5 Interchannel Delay
An 8-bit value can be programmed to each of the six PWM interchannel delay registers to add a delay per
channel from 0 to 255 clock cycles. The delays correspond to cycles of the high-speed internal clock, DCLK.
Each subsequent channel has a default value that is N DCLKs larger than the preceding channel. The default
values are 0 for the first channel and 76 for each successive channel.
These values can be updated upon power up through the serial control interface. This delay is generated in
the PWM block with the appropriate control signals generated in the CTL block.
These values can be changed at any time through the serial control interface.
2.4.6 ABD Delay
A 5-bit value is used to delay the A PWM signals with respect to B PWM signals. The value is the same for
all channels. It can be programmed from 0 to 31 DCLK clock cycles. The default value is 17 DCLK clock cycles
(01011). These values can be changed at any time through the serial control interface.
NOTE:
The performance of a PurePath Digital
 amplifier system is optimized by setting the PWM
timing based upon the type of back-end device that is used and the layout. These values are
set during initialization using the I2C serial interface.
2.4.7 PWM/H-Bridge and Discrete H-Bridge Driver Interface
The TAS5036A provides six PWM outputs, which are designed to drive switching output stages (back-ends)
in both single-ended (SE) and H-bridge (bridge-tied load) configuration. The back ends can be monolithic
power stages (such as the TAS5110) or six discrete differential power stages using gate drivers (such as the
the TAS55182) and MOSFETs in single-ended or bridged configurations.
The TAS5110 device is optimized for bridge-tied load (BTL) configurations. These devices require a pure
differential PWM signal with a third signal (VALID) to control the MUTE state. In the MUTE state, the TAS5110
OUTA and OUTB are both low.
One Channel
of TAS5036A
PWM_AP
PWM_AM
VALID
TAS5110
OUTA
OUTB
AP
AM
RESET
BP
BM
Speaker
Figure 2−12. PWM Outputs and H-Bridge Driven in BTL Configuration
2.5
I2C Serial Control Interface
MCLK must be active for the TAS5036A to support I2C bus transactions. The TAS5036A has a bidirectional
serial control interface that is compatible with the I2C (Inter IC) bus protocol and supports both 100-kbps and
400-kbps data transfer rates for single- and multiple-byte write and read operations. This is a slave-only device
that does not support a multi-master bus environment or wait state insertion. The control interface is used to
program the registers of the device and to read device status.
PurePath Digital is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com