Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5036APFCRG4 Datasheet(PDF) 44 Page - Texas Instruments

Part # TAS5036APFCRG4
Description  Six Channel Digital Audio PWM Processor
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036APFCRG4 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5036APFCRG4 Datasheet HTML 40Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 41Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 42Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 43Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 44Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 45Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 46Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 47Page - Texas Instruments TAS5036APFCRG4 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
Specifications
38
SLES061B—November 2002—Revised January 2004
TAS5036A
5.3.3
TAS5036A/TAS5182 System Performance Measured at the Speaker Terminals
Over Recommended Operating Conditions (Unless Otherwise Noted)
(Fs = 48 kHz)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SNR (EIAJ)
A-weighted
100
dB
Dynamic range
A-weighted, -60 dB, f = 1 kHz
100
dB
THD+N
0 dB, 1 kHz
0.09%
5.4
Switching Characteristics
5.4.1
Command Sequence Timing
5.4.1.1
Reset Timing—RESET
CONTROL SIGNAL PARAMETERS OVER RECOMMENDED OPERATING CONDITIONS (UNLESS OTHERWISE NOTED)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw(RESET)
Pulse duration, RESET active
50
ns
tp(VALID_LOW)
Propagation delay
1
µs
tp(VALID_HIGH) Propagation delay
4
5
ms
td(VOLUME)
Delay time
42
65
ms
tw(RESET)
tp(VALID_HIGH)
RESET
tp(VALID_LOW)
td(VOLUME)
VALID 1−6
VOLUME 1−6
Figure 5−1. RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com