Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9283AHTG00 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9283AHTG00
Description  IC FOR 10.00 - 56.00 MHz VCXO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9283AHTG00 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9283AHTG00 Datasheet HTML 1Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 2Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 3Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 4Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 5Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 6Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 7Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 8Page - Micro Analog systems MAS9283AHTG00 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DA9283.006
13 July 2006
4 (14)
EXTERNAL COMPONENT SELECTION
MAS9283 requires a minimum number of external components for proper operation.
Quartz Crystal
The MAS9283 VCXO function consists of the
external crystal and the integrated VCXO oscillator
circuit. To assure the best system performance
(frequency pull range) and reliability, a crystal
device with the recommended parameters (shown
below) must be used, and the layout guidelines in
the
following
section must be followed. The
frequency of the oscillation of a quartz crystal is
determined by its “cut” and by the load capacitors
connected to it. MAS9283 incorporates on-chip
variable load capacitors that “pull” (change) the
frequency of the crystal. The crystal specified for
use with the MAS9283 is designed to have zero
frequency error when the total of on-chip + stray
capacitance is 10 pF. See Note 3 on page 2 for
other capacitance options.
The external crystal must be connected as close to the chip as possible and should be on the same side
of the PCB as the MAS9283. There should be no vias between the crystal pins and the X1 and X2 device
pins. There should be no signal traces underneath or close to the crystal.
Recommended Crystal Parameters:
Parameter
Symbol
Typ
Unit
Note
Initial Accuracy at 25°C
±20
ppm
Temperature Stability
±30
ppm
Crystal Load Capacitance
CL
10
pF
1)
Crystal Shunt Capacitance (Typical)
C0
2
pF
C0/C1 Ratio (Typical)
≤ 300
Note 1. If the crystal with a load other than 10 pF is used with MAS9283, the crystal has to have frequency offset
in order to have the nominal frequency at VC = 1.65 V. Please see table below for offset frequencies vs. crystal
load. (Values are for a typical crystal with S = 30 ppm/pF.)
Parameter
Unit
Crystal frequency
27
27
27
27
MHz
Crystal load
8
9
12.5
15
pF
Offset / ppm (MAS9283AA – AE, AN – AR, VC=1.65 V)
+30
0
-105
-180
Offset / ppm (MAS9283AG – AR, VC= 2.5V)
0
-30
-135
-210
For example:
When the desired nominal frequency of the application and the crystal load are 27.00 MHz and 12.5 pF, the
crystal nominal frequency has to be,
(
)
MHz
MHz
MHz
997165
.
26
105
10
00
.
27
00
.
27
6
=
−
×
+
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com