Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9281ARTG00 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9281ARTG00
Description  IC FOR 10.00 - 60.00 MHz XO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9281ARTG00 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9281ARTG00 Datasheet HTML 1Page - Micro Analog systems MAS9281ARTG00 Datasheet HTML 2Page - Micro Analog systems MAS9281ARTG00 Datasheet HTML 3Page - Micro Analog systems MAS9281ARTG00 Datasheet HTML 4Page - Micro Analog systems MAS9281ARTG00 Datasheet HTML 5Page - Micro Analog systems MAS9281ARTG00 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 (6)
DA9281.002
10 July 2006
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
Power Dissipation
PMAX
120
mW
Operating Temperature
TOP
-40
85
oC
Storage Temperature
TST
-55
150
oC
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Supply Voltage
VDD
2.4
2.8
5.5
V
1)
Crystal Load Capacitance
MAS9281AN, -AP, -AQ, -AR, -AS, -AT,
MAS9281A0, -A1, -A2, -A3, -A4
MAS9281AG -AH, -AJ, -AK, -AL
MAS9281AA, -AB, -AC, -AD, -AE
CL
14.5
14.5
11
9
2)
Note 1: If VDD = 5V, it is recommended to connect 1nF capacitor to Vdd pin.
Note 2: For other load capacitance options contact to Micro Analog Systems Oy.
ELECTRICAL CHARACTERISTICS FOR 3V SUPPLY VOLTAGE
TA = -40°C to +85°C, typical values at TA = +27°C, VDD = 2.7V… 3.3V, fO = 30 MHz, Output Load = 15 pF, unless otherwise specified.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Output Load
15
50
pF
Crystal Frequency Range
when Output Load is Maximum 30pF
fo
10.00
60.00
MHz
Note 1
Crystal Frequency Range
when Output Load is Maximum 50pF
fo
10.00
40.00
MHz
Supply Current
MAS9281 (fo)
MAS9281 (fo/2)
MAS9281 (fo/4)
MAS9281 (fo/8)
MAS9281 (fo/16)
MAS9281 (fo/512)
IDD
5.7
4.5
4.1
3.9
3.7
3.5
mA
See fig. 2
Output Voltage Range
Vdd ± 0.5
Vpp
Rise and Fall Time
3
4
ns
Start-up Time
TSTART
2
ms
Output Symmetry
45
48-52
55
%
Tri State Output Buffer
OFF State
ON State
PD
0
1.6
0.55
VDD
V
Power Down High Level Output
Voltage: Ioh=5.2 mA ,Vdd = 3V
(Test measurement, see fig. 1, p. 5)
VOH
2.7
V
PD Pull-up Resistance
(Design value)
Rup1
900k
ohm
Note1: MAS9281AN – MAS9281AT and MAS9281A0 – MAS9281A4 maximum frequency is 44MHz.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com