Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8971L Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8971L
Description  Stereo CODEC for Portable Audio Applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8971L Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8971L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 9Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 10Page - Wolfson Microelectronics plc WM8971L Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
Production Data
WM8971L
w
PD Rev 4.1 August 2005
7
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.5V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio
data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1, RINPUT1, MIC) to ADC
AVDD = 3.3V
1.0
Full Scale Input Signal Level
(for ADC 0dB Input at 0dB Gain)
VINFS
AVDD = 1.8V
0.545
V rms
L/RINPUT1 to ADC,
PGA gain = 0dB
22
L/RINPUT1 to ADC,
PGA gain = +30dB
1.5
L/RINPUT1 DC
measurement
16
Input Resistance
L/RINPUT1 unused
17
k
Ω
Input Capacitance
10
pF
AVDD = 3.3V
80
95
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 1.8V
90
dB
Dynamic Range
-60dBFs
90
95
dB
-1dBFs input,
AVDD = 3.3V
-82
0.008
Total Harmonic Distortion
THD
-1dBFs input,
AVDD = 1.8V
-74
0.02
dB
%
ADC Channel Separation
1kHz signal
85
dB
Channel Matching
1kHz signal
0.2
dB
Analogue Outputs (LOUT1/2, ROUT1/2, MONOOUT)
0dB Full scale output voltage
AVDD/3.3
Vrms
1kHz, full scale signal
90
Mute attenuation
MONOOUT pin
81
dB
Channel Separation
analogue in
to analogue out
85
dB
DAC to Line-Out (L/ROUT2 with 10k
Ω
Ω
Ω
Ω / 50pF load)
AVDD=3.3V
90
98
Signal to Noise Ratio
(A-weighted)
SNR
AVDD=1.8V
93
dB
AVDD=3.3V
-84
Total Harmonic Distortion
THD
AVDD=1.8V
-80
dB
Channel Separation
1kHz signal
100
dB
Headphone Output (LOUT1/ROUT1, using capacitors)
Output Power per channel
PO
Output power is very closely correlated with THD; see below.
HPVDD=1.8V, RL=32
Ω
PO=5mW
0.016
-76
HPVDD=1.8V, RL=16
Ω
PO=5mW
0.022
-73
HPVDD=3.3V, RL=32
Ω,
PO=20mW
0.013
-78
Total Harmonic Distortion
THD
HPVDD=3.3V, RL=16
Ω,
PO=20mW
0.018
-75
%
dB
HPVDD = 3.3V
92
96
Signal to Noise Ratio
(A-weighted)
SNR
HPVDD = 1.8V
96
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com