Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243CTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3243CTR
Description  3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243CTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3243CTR Datasheet HTML 3Page - STMicroelectronics ST3243CTR Datasheet HTML 4Page - STMicroelectronics ST3243CTR Datasheet HTML 5Page - STMicroelectronics ST3243CTR Datasheet HTML 6Page - STMicroelectronics ST3243CTR Datasheet HTML 7Page - STMicroelectronics ST3243CTR Datasheet HTML 8Page - STMicroelectronics ST3243CTR Datasheet HTML 9Page - STMicroelectronics ST3243CTR Datasheet HTML 10Page - STMicroelectronics ST3243CTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ST3243
7/14
TYPICAL PERFORMANCE CHARACTERISTICS (unless otherwise specified Tj =25°C)
Figure 1 : INVALID HIGH Threshold Time
Figure 2 : INVALID LOW Threshold Time
Figure 3 : Receiver Propagation Delay
Figure 4 : Receiver Output Enable & Disable
Time
Figure 5 : Output Current vs Output High Voltage
Figure 6 : Output Current vs Output Low Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com