Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2504A Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2504A
Description  Integrated USB 2.0 Compatible 4-Port Hub
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2504A Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2504A Datasheet HTML 9Page - SMSC Corporation USB2504A Datasheet HTML 10Page - SMSC Corporation USB2504A Datasheet HTML 11Page - SMSC Corporation USB2504A Datasheet HTML 12Page - SMSC Corporation USB2504A Datasheet HTML 13Page - SMSC Corporation USB2504A Datasheet HTML 14Page - SMSC Corporation USB2504A Datasheet HTML 15Page - SMSC Corporation USB2504A Datasheet HTML 16Page - SMSC Corporation USB2504A Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Integrated USB 2.0 Compatible 4-Port Hub
Datasheet
SMSC USB2504/USB2504A
13
Revision 2.1 (12-06-06)
DATASHEET
SERIAL PORT INTERFACE
Serial Data/SMB
Data
SDA/SMBDATA
IOSD12
(Serial Data)/(SMB Data) signal.
Serial Clock/SMB
Clock
SCL/SMBCLK
IOSD12
(Serial Clock)/(SMB Clock) signal.
Configuration
Programming
Select
CFG_SEL0
IOSD12
This multifunction pin is read on the rising edge of
RESET_N negation and will determine the hub
configuration method as described in Table 4.2.
Configuration
Programming
Select
CFG_SEL1
I
This pin is read on the rising edge of RESET_N (see the
applicable RESET_N timing table in Section 5.6.1) and will
determine the hub configuration method as described in
Table 4.2.
Configuration
Programming
Select
CFG_SEL2
I
This pin is read on the rising edge of RESET_N negation
and will determine the hub configuration method as
described in Table 4.2.
Table 4.2 SMBus or EEPROM Interface Behavior
CFG_SEL2
CFG_SEL1
CFG_SEL0
SMBus or EEPROM interface behavior.
X
0
0
Configured as an SMBus slave for external download of user-
defined descriptors. SMBus slave address is 0101100
X
0
1
Configured as an SMBus slave for external download of user-
defined descriptors. SMBus slave address is 0101101
0
1
0
Internal Default Configuration
1
1
0
Internal Default Configuration via strapping options.
X
1
1
2-wire (I2C) EEPROMS are supported,
Table 4.3 Miscellaneous Pins
NAME
SYMBOL
TYPE
FUNCTION
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or
to an external 24MHz clock when a crystal is not used.
Crystal Output
XTAL2
OCLKx
24MHz Crystal
This is the other terminal of the crystal, or left
unconnected when an external clock source is used to
drive XTAL1/CLKIN. It must not be used to drive any
external circuitry other than the crystal circuit.
Clock Input
Enable
CLKIN_EN
I
Clock In Enable:
Low = XTAL1 and XTAL2 pins configured for use with
external crystal
High = XTAL1 pin configured as CLKIN, and must be
driven by an external CMOS clock.
Table 4.1 4-Port Hub Pin Descriptions (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com