Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R8-80SSF Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN2R8-80SSF
Description  NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R8-80SSF Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

  PSMN2R8-80SSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R8-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Nexperia
PSMN2R8-80SSF
NextPower 80 V, 2.8 mOhm, 190 Amp, N-channel MOSFET in LFPAK88 package
12. Soldering
SOT1235
Footprint information for reflow soldering of LFPAK88 package
sot1235_fr
Issue date 18-12-12
18-12-13
occupied area
1.25
0.2
0.2
0.1
1.15
1.3
1.4
1.6
1.76
5.7
3.74
9.4
6.55
6.8
7
0.7
4.275
7.8
1.6
1.225
1.9
2.925
1.85
2.05
1.7
1.2
2.1
8.6
0.3
0.2
0.2
0.7
8.8
9.2
solder land
solder resist
solder paste
Dimensions in mm
1.2
1.4
7.8
recommended stencil thickness: 0.125 mm
1.1
2
Fig. 6. Reflow soldering footprint for LFPAK88 (SOT1235)
PSMN2R8-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Objective data sheet
23 June 2022
7 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com