Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6160DWSC Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT6160DWSC
Description  Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6160DWSC Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT6160DWSC Datasheet HTML 1Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 2Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 3Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 4Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 5Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 6Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 7Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 8Page - Richtek Technology Corporation RT6160DWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
RT6160D
Copyright © 2023 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS6160D-01
May 2023
www.richtek.com
3
Pin No.
Pin Name
Pin Function
D1
SCL
I2C serial interface clock. This pin requires a pull-up resistor to I2C power supply.
D2, D3
LX2
Switching node 2. Connect to the inductor.
E1
SDA
I2C serial interface data. This pin requires a pull-up resistor to I2C power supply.
E2, E3
VOUT
Output voltage sense through this pin. Connect to output capacitor. It is
recommended to use two 22
F/10V/X5R/0603 ceramic capacitors.
Functional Block Diagram
PGND
VSEL
SCL
VOUT
AGND
PWM
Control
Logic
OCP
ZC
TON
Generator
+
-
Comparator
Ramp
Generator
UVLO
OTP
EN
SDA
Soft Start
UVP
VIN
LX1
VIN
Gate
Driver
LX2
VOUT
S1
S2
S3
S4
Vref
I
2
C
Interface
Digital
Register
Digital
Control
VOUT
Programer
+
+
Error
Amplifier
-
FB
OVP
Operation
The RT6160D is a high-efficiency, single inductor,
Advanced Constant On-Time ACOT® mode control
mechanism to achieve fast-transient response and
good stability with low-ESR ceramic capacitors. The
ACOT® control scheme uses a virtual inductor current
ramp generated inside the IC. This internal ramp signal
replaces the ESR ramp normally provided by the output
capacitor’s ESR. The ramp signal and other internal
compensations are optimized for low-ESR ceramic
output capacitors.
Buck Operation
Buck - Boost
VIN
VOUT
LX1
LX2
S1 (A)
S2 (B)
S4 (D)
S3 (C)
BD
AD
Figure 1. Buck Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com