Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1002 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1002
Description  Trench and Field-Stop IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1002 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1002 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1002 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1002 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISF1002
Trench and Field-Stop IGBT
www.iscsemi.com
2023-8-17
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case IGBT
0.48
℃
/W
Rth j-c
Thermal Resistance,Junction to Case Diode
1.2
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE=0; IC= 1mA
650
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE; IC= 0.25mA
4.0
--
6.0
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 60A; VCE= 15V,
Tj=25℃
--
1.85
2.2
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 60A; VCE= 15V,
Tj=175℃
--
2.55
--
V
ICES
Zero Gate Voltage Collector Current
VCE=650V; VGE=0
Tj=25℃
-
--
40
uA
ICES
Zero Gate Voltage Collector Current
VCE=650V; VGE=0
Tj=175℃
-
--
4000
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V; VCE=0
--
--
±
100
nA
gts
Forward Transconductance
IC= 60A; VCE= 20V,
--
53
--
S
Cies
Input Capacitance
VGE = 0V,
VCE = 30V,
f = 1.0MHz
--
3789
--
pF
Coes
Output Capacitance
--
131
--
Cres
Reverse Transfer Capacitance
--
72
--
Qg
Total Gate Charge
VGE = 15V,
IC = 60A,
VCE = 520V
--
155
--
nC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com