Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4001 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4001
Description  isc Triacs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4001 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4001 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4001 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4001 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Triacs
IST4001
FEATURES
·
With TO-220 insulated package
·
Suitables for general purpose AC switching. Which can be used
as an ON/OFF function in applications such as static relays, heating
regulation,induction motor starting circuits. Or for phase control
operation in light dimmers, motor speed controllers etc.
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak off-state voltage
600
V
IT(RMS)
Non repetitive surge peak on-state current (full cycle, Tj initial = 25°C)
8
A
ITSM
Non-repetitive peak on-state current
tp=20ms
80
A
I2t
I2t value for fusing (t=10ms)
36
A2S
PG(AV)
Average gate power dissipation TJ = 125°C
1
W
Tj
Operating junction temperature
125
℃
Tstg
Storage temperature
-40~150
℃


Similar Part No. - IST4001

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4017 ISC-IST4017 Datasheet
323Kb / 3P
Thyristor
IST4019 ISC-IST4019 Datasheet
322Kb / 3P
isc Triacs
IST4021 ISC-IST4021 Datasheet
320Kb / 3P
Thyristors
IST4034 ISC-IST4034 Datasheet
260Kb / 3P
Thyristors
IST4036 ISC-IST4036 Datasheet
318Kb / 3P
Thyristors
More results

Similar Description - IST4001

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com