Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53806821 Datasheet(PDF) 2 Page - Lapp.

Part # 53806821
Description  SKINTOP® INOX SC NPT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

53806821 Datasheet(HTML) 2 Page - Lapp.

  53806821 Datasheet HTML 1Page - Lapp. 53806821 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53806818
DATA SHEET
Valid from:
02.12.2021
SKINTOP® INOX SC NPT
Creator: HYDO1/PDP
Released: DAMU1/PDP
Document: DB53806818EN
Version: 01
Page 2 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
SKINT
OP
INOX
SC
NPT
Article
number
NPT
SW
[mm]
Ø A
[mm]
C max.
[mm]
D
[mm]
Ø F [mm]
Clamping
range
Ø G min
[mm]
over braid
O-Ring
[mm]
53806818
NPT 1/4“
16
17,2
37,8
15
4 - 7
2
9 x 2
53806819
NPT 3/8“
20
21,4
40,4
15
6 - 10
4
13 x 2
53806820
NPT 1/2“
24
25,6
42,5
15
7 - 13
5
17 x 2
53806821
NPT 3/4“
29
30,8
46,2
15
9 - 17
7,5
22 x 2
53806822
NPT 1“
36
38,2
50,6
15
11 - 21
9
28 x 2
53806823
NPT 1 1/4“
45
48,0
59,2
17
19 – 28
15
36 x 2
53806824
NPT 1 1/2“
54
58,0
63,2
17
27 – 35
21
43 x 2,5
For more information please see our current catalogue. Please do not hesitate to contact our laboratory if there are any
questions regarding resistance against aggressive agents and special oil.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com