Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMB12S Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # KMB12S
Description  SINGLE PHASE 1.0 AMP SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

KMB12S Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  KMB12S Datasheet HTML 1Page - SMC Diode Solutions Co. LTD KMB12S Datasheet HTML 2Page - SMC Diode Solutions Co. LTD KMB12S Datasheet HTML 3Page - SMC Diode Solutions Co. LTD KMB12S Datasheet HTML 4Page - SMC Diode Solutions Co. LTD KMB12S Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N1798, Rev. C
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
KMB12S
THRU
KMB120S
Type Number
Symbol KMB
12S
KMB
13S
KMB
14S
KMB
145S
KMB
15S
KMB
16S
KMB
18S
KMB
110S
KMB
115S
KMB
120S Unit
Forward Voltage (per element) *
@IF =1A, TA = 25°C
VF
0.55
0.70
0.85
0.90
V
Peak Reverse Current * @TA = 25°C
At Rated DC Blocking Voltage*
@TA = 100°C
IRM
0.1
0.05
mA
10
5
Typical Junction Capacitance
(per leg) (Note 2)
CJ
28
pF
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad..
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance From Junction to Ambient
Electrical Characteristics:@TA=25°C unless otherwise specified
Thermal-Mechanical Specifications:
Type Number
Symbol KMB
12S
KMB
13S
KMB
14S
KMB
145S
KMB
15S
KMB
16S
KMB
18S
KMB
110S
KMB
115S
KMB
120S
Unit
Typical Thermal Resistance (per leg)
(Note 3)
RθJA
75
°C/W
Operating junction temperature range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com