Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05FU Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MB05FU
Description  1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MB05FU Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MB05FU Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MB05FU Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical Data
Data Sheet N2268, Rev. -
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
MB05FU
THRU
MB10FU
* Pulse width < 300 µs, duty cycle < 2%
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B
with 0.5×0.5''(13×13mm)copper pads.
Electrical Characteristics:@TA=25°C unless otherwise specified
Type Number
Symbol MB05FU MB1FU MB2FU MB4FU MB6FU MB8FU MB10FU Units
Forward Voltage per element
@IF =0.5A
@IF =1.0A
VFM
0.95
1.00
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage @TA = 125°C
IR
5
200
μA
Typical Junction Capacitance (Note 1)
Cj
25
pF
Thermal-Mechanical Specifications:@TA=25°C unless otherwise specified
Type Number
Symbol MB05FU MB1FU MB2FU MB4FU MB6FU MB8FU MB10FU Units
Typical Thermal Resistance per leg(Note 2)
RθJA
60
°C/W
RθJL
16
Operating Junction and Storage Temperature
Range
TJ ,TSTG
-55+150
°C
Ratings and Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com