Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDSR515. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDSR515.
Description  Standard 7- Segment Display 13 mm
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSR515. Datasheet(HTML) 1 Page - Vishay Siliconix

  TDSR515. Datasheet HTML 1Page - Vishay Siliconix TDSR515. Datasheet HTML 2Page - Vishay Siliconix TDSR515. Datasheet HTML 3Page - Vishay Siliconix TDSR515. Datasheet HTML 4Page - Vishay Siliconix TDSR515. Datasheet HTML 5Page - Vishay Siliconix TDSR515. Datasheet HTML 6Page - Vishay Siliconix TDSR515. Datasheet HTML 7Page - Vishay Siliconix TDSR515. Datasheet HTML 8Page - Vishay Siliconix TDSR515. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TDS.51..
Vishay Telefunken
1 (9)
Rev. A2, 05-Oct-00
www.vishay.com
Document Number 83126
Standard 7– Segment Display 13 mm
Color
Type
Circuitry
Red
TDSR515.
Common anode
Red
TDSR516.
Common cathode
Orange red
TDSO515.
Common anode
Orange red
TDSO516.
Common cathode
Yellow
TDSY515.
Common anode
Yellow
TDSY516.
Common cathode
Green
TDSG515.
Common anode
Green
TDSG516.
Common cathode
Description
The TDS.51.. series are 13 mm character seven
segment LED displays in a very compact package.
The displays are designed for a viewing distance up to
7 meters and available in four bright colors. The grey
package surface and the evenly lighted untinted
segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity
groups. That allows users to assemble displays with
uniform appearence.
Typical
applications
include
instruments,
panel
meters, point-of-sale terminals and household equip-
ment.
Features
D Evenly lighted segments
D Grey package surface
D Untinted segments
D Luminous intensity categorized
D Yellow and green categorized for color
D Wide viewing angle
D Suitable for DC and high peak current
96 11508
Applications
Panel meters
Test- and measure- equipment
Point-of-sale terminals
Control units
TV sets


Similar Part No. - TDSR515.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
13 mm Seven Segment Display
02-Jun-99
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
13 mm Seven Segment Display
More results

Similar Description - TDSR515.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSO1150 VISHAY-TDSO1150 Datasheet
163Kb / 8P
Standard 7- Segment Display 7 mm
31-Aug-04
TDSG5150 VISHAY-TDSG5150 Datasheet
225Kb / 9P
Standard 7- Segment Display 13 mm
31-Aug-04
TDSG1150 VISHAY-TDSG1150_10 Datasheet
159Kb / 12P
Standard 7-Segment Display 7 mm
30-Jun-10
TDSG3150 VISHAY-TDSG3150 Datasheet
163Kb / 12P
Standard 7-Segment Display 10 mm
23-May-11
TDSG5150 VISHAY-TDSG5150_10 Datasheet
163Kb / 12P
Standard 7-Segment Display 13 mm
10-Feb-10
TDSG51 VISHAY-TDSG51_V01 Datasheet
170Kb / 12P
Standard 7-Segment Display 13 mm DESCRIPTION The
06-Dec-2021
TDSY1150 VISHAY-TDSY1150_V01 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSG1150 VISHAY-TDSG1150_V02 Datasheet
167Kb / 12P
Standard 7-Segment Display 7 mm
06-Dec-2021
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
Standard 7-Segment Display 13 mm
06-Dec-2021
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
Low Current 13 mm 7-Segment Display
06-Dec-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com