Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC08 Datasheet(PDF) 1 Page - Texas Instruments

Part # HC08
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC08 Datasheet(HTML) 1 Page - Texas Instruments

  HC08 Datasheet HTML 1Page - Texas Instruments HC08 Datasheet HTML 2Page - Texas Instruments HC08 Datasheet HTML 3Page - Texas Instruments HC08 Datasheet HTML 4Page - Texas Instruments HC08 Datasheet HTML 5Page - Texas Instruments HC08 Datasheet HTML 6Page - Texas Instruments HC08 Datasheet HTML 7Page - Texas Instruments HC08 Datasheet HTML 8Page - Texas Instruments HC08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
SN54HC04...JORWPACKAGE
SN74HC04...D,DB,N,NS,ORPWPACKAGE
(TOP VIEW)
1A
V
CC
1
14
1B
4B
2
13
1Y
4A
3
12
2A
4Y
4
11
2B
3B
5
10
2Y
3A
6
9
GND
3Y
7
8
SN54HC04...FKPACKAGE
(TOP VIEW)
NC
Nointernalconnection
4
5
6
7
18
17
16
15
4A
NC
4Y
NC
3B
14
1Y
NC
2A
NC
2B
8
1
20
2
19
3
13
9
12
10 11
DESCRIPTION/ORDERING INFORMATION
Y = A
• B or Y = A +B in positive logic.
SN54HC08, SN74HC08
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SCLS081F – DECEMBER 1982 – REVISED JANUARY 2007
• Wide Operating Voltage Range of 2 V to 6 V
• Typical t
pd = 8 ns
• Outputs Can Drive Up To 10 LSTTL Loads
• ±4-mA Output Drive at 5 V
• Low Power Consumption, 20-µA Max I
CC
• Low Input Current of 1 µA Max
The ’HC08 devices contain four independent 2-input AND gates. They perform the Boolean function
ORDERING INFORMATION
TA
PACKAGE(1)
ODERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Reel of 1000
SN74HC08N
SN74HC08N
Reel of 1000
SN74HC08DE4
SOIC – D
Reel of 2500
SN74HC08DR
HC08
Tube of 250
SN74HC08DT
SN74HC08NSR
SOP – NS
Reel of 2000
HC08
–40
°C to 85°C
SN74HC08NSRG4
SN74HC08DBR
SSOP – DB
Reel of 2000
HC08
SN74HC08DBRE4
Tube of 90
SN74HC08PW
TSSOP – PW
Reel of 2000
SN74HC08PWR
HC08
Tube of 250
SN74HC08PWT
CDIP – J
Reel of 1000
SNJ54HC08J
SNJ54HC08J
–55
°C to 125°C
CFP – W
Reel of 900
SNJ54HC08W
SNJ54HC08W
LCCC –FK
Reel of 2200
SNJ54HC08FK
SNJ54HC08JFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1982–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - HC08

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HC08 GETEDZ-HC08 Datasheet
161Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
logo
List of Unclassifed Man...
HC08100 ETC1-HC08100 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC08101 ETC1-HC08101 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC08103 ETC1-HC08103 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
HC08107 ETC1-HC08107 Datasheet
153Kb / 2P
Breake Away Header .025(0.64mm) Square Posts
More results

Similar Description - HC08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5408 TI-SN5408 Datasheet
625Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408_07 Datasheet
766Kb / 26P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
Quadruple 2-Input Positive AND Gates
logo
Texas Instruments
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com