Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP56-16 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BCP56-16
Description  Low power NPN Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BCP56-16 Datasheet(HTML) 4 Page - STMicroelectronics

  BCP56-16 Datasheet HTML 1Page - STMicroelectronics BCP56-16 Datasheet HTML 2Page - STMicroelectronics BCP56-16 Datasheet HTML 3Page - STMicroelectronics BCP56-16 Datasheet HTML 4Page - STMicroelectronics BCP56-16 Datasheet HTML 5Page - STMicroelectronics BCP56-16 Datasheet HTML 6Page - STMicroelectronics BCP56-16 Datasheet HTML 7Page - STMicroelectronics BCP56-16 Datasheet HTML 8Page - STMicroelectronics BCP56-16 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
BCP56-16
4/9
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (2) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = 30V
VCB = 30V;
Tj = 125°C
100
10
nA
µA
V(BR)CEO (2)
Collector-emitter
breakdown voltage
(IB =0)
IC = 20mA
80
V
V(BR)CBO
Collector-base
breakdown voltage
(IE =0)
IC = 100µA
100
V
V(BR)EBO
Emitter-base breakdown
voltage (IC =0)
IE = 10µA
5V
VCE(sat) (2)
Collector-emitter
saturation voltage
IC = 500mA
IB = 50mA
0.5
V
VBE(on) (2) Base-emitter on voltage
IC = 500mA
VCE = 2V
1V
hFE (2)
DC current gain
IC = 5mA
VCE = 2V
IC = 150mA
VCE = 2V
IC = 500mA
VCE = 2V
40
100
25
250



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com