Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5518 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS5518
Description  8 Channel Digital Audio PWM Processor
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5518 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5518 Datasheet HTML 17Page - Texas Instruments TAS5518 Datasheet HTML 18Page - Texas Instruments TAS5518 Datasheet HTML 19Page - Texas Instruments TAS5518 Datasheet HTML 20Page - Texas Instruments TAS5518 Datasheet HTML 21Page - Texas Instruments TAS5518 Datasheet HTML 22Page - Texas Instruments TAS5518 Datasheet HTML 23Page - Texas Instruments TAS5518 Datasheet HTML 24Page - Texas Instruments TAS5518 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 103 page
background image
Introduction
12
SLES115 — August 2004
TAS5518
Coeff = 0 (lin)
(I2C 0x4F)
(I2C 0x50)
Coeff = 1 (lin)
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 1
(I2C 0x41)
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
IP Mixer 2
(I2C 0x42)
IP Mixer 3
(I2C 0x43)
IP Mixer 4
(I2C 0x44)
IP Mixer 5
(I2C 0x45)
IP Mixer 6
(I2C 0x46)
IP Mixer 7
(I2C 0x47)
IP Mixer 8
(I2C 0x48)
Coeff = 0 (lin)
(I2C 0x4A)
Coeff = 0 (lin)
(I2C 0x49)
Coeff = 0 (lin)
(I2C 0x4C)
Coeff = 1 (lin)
(I2C 0x4D)
Coeff = 0 (lin)
(I2C 0x4B)
Coeff = 0 (lin)
(I2C 0x4E)
SDIN1−L(L)
SDIN1−R (R)
SDIN2−L (LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R (RBS)
SDIN4−L (C)
SDIN4−R (LFE)
Bass &
Treble 1
(0xDA−
0xDD)
L to
PWM1
OP Mixer 1
(I2C 0xAA)
8X2 Output
Mixer
7 DAP1
BQ
(0x51−
0x57)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 1
(0xDA−
0xDD)
R to
PWM2
OP Mixer 2
(I2C 0xAB)
8X2 Output
Mixer
7 DAP2
BQ
(0x58−
0x5E)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 2
(0xDA−
0xDD)
LS to
PWM3
OP Mixer 3
(I2C 0xAC)
8X2 Output
Mixer
7 DAP3
BQ
(0x5F−
0x65)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 2
(0xDA−
0xDD)
RS to
PWM4
OP Mixer 4
(I2C 0xAD)
8X2 Output
Mixer
7 DAP4
BQ
(0x66−
0x6C)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 3
(0xDA−
0xDD)
LBS to
PWM5
OP Mixer 5
(I2C 0xAE)
8X2 Output
Mixer
7 DAP5
BQ
(0x6D−
0x73)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 3
(0xDA−
0xDD)
RBS to
PWM6
OP Mixer 6
(I2C 0xAF)
8X2 Output
Mixer
7 DAP6
BQ
(0x74−
0x7A)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 1
(0xDA−
0xDD)
C to
PWM7
OP Mixer 7
(I2C 0xB0)
8X3 Output
Mixer
5 DAP7
BQ
(0x7D−
0x81)
Loud−
ness
(0x91−
0x95)
DRC1
(0x96−
0x9C)
Bass &
Treble 4
(0xDA−
0xDD)
Sub to
PWM8
OP Mixer 8
(I2C 0xB1)
8X3 Output
Mixer
5 DAP8
BQ
(0x84−
0x88)
Loud−
ness
(0x91−
0x95)
DRC2
(0x9D−
0xA1)
2 DAP7
BQ
(0x7B−
0x7C)
2 DAP8
BQ
(0x82−
0x83)
DAP1
Volume
(0xD1)
Master Vol
(0xD9)
DAP2
Volume
(0xD2)
Master Vol
(0xD9)
DAP3
Volume
(0xD3)
Master Vol
(0xD9)
DAP4
Volume
(0xD4)
Master Vol
(0xD9)
DAP5
Volume
(0xD5)
Master Vol
(0xD9)
DAP6
Volume
(0xD6)
Master Vol
(0xD9)
DAP7
Volume
(0xD7)
Master Vol
(0xD9)
DAP8
Volume
(0xD8)
Master Vol
(0xD9)
Max Vol
Max Vol
Max Vol
Max Vol
Max Vol
Max Vol
Max Vol
Max Vol
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L (LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R (RBS)
SDIN4−L (C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R (RBS)
SDIN4−L (C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R(RS)
SDIN3−L (LBS)
SDIN3−R (RBS)
SDIN4−L (C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R (RS)
SDIN3−L(LBS)
SDIN3−R (RBS)
SDIN4−L (C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R(RBS)
SDIN4−L (C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R(RBS)
SDIN4−L(C)
SDIN4−R (LFE)
SDIN1−L(L)
SDIN1−R(R)
SDIN2−L(LS)
SDIN2−R (RS)
SDIN3−L (LBS)
SDIN3−R(RBS)
SDIN4−L (C)
SDIN4−R(LFE)
Default input is BOLD
Figure 1−4. TAS5518 DAP Architecture With I2C Registers (Fs ≤ 96 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com