Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW160N75F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW160N75F3
Description  N-channel 75V - 3.5m ohm - 120A - TO-220 - TO-247 - D2PAK MDmesh TM low voltage Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW160N75F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW160N75F3 Datasheet HTML 2Page - STMicroelectronics STW160N75F3 Datasheet HTML 3Page - STMicroelectronics STW160N75F3 Datasheet HTML 4Page - STMicroelectronics STW160N75F3 Datasheet HTML 5Page - STMicroelectronics STW160N75F3 Datasheet HTML 6Page - STMicroelectronics STW160N75F3 Datasheet HTML 7Page - STMicroelectronics STW160N75F3 Datasheet HTML 8Page - STMicroelectronics STW160N75F3 Datasheet HTML 9Page - STMicroelectronics STW160N75F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Test circuit
STB160N75F3 - STP160N75F3 - STW160N75F3
6/13
3
Test circuit
Figure 1.
Switching times test circuit for
resistive load
Figure 2.
Gate charge test circuit
Figure 3.
Test circuit for inductive load
switching and diode recovery times
Figure 4.
Unclamped inductive load test
circuit
Figure 5.
Unclamped inductive waveform
Figure 6.
Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com