Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD3055 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJD3055
Description  COMPLEMENTARY POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJD3055 Datasheet(HTML) 1 Page - STMicroelectronics

  MJD3055 Datasheet HTML 1Page - STMicroelectronics MJD3055 Datasheet HTML 2Page - STMicroelectronics MJD3055 Datasheet HTML 3Page - STMicroelectronics MJD3055 Datasheet HTML 4Page - STMicroelectronics MJD3055 Datasheet HTML 5Page - STMicroelectronics MJD3055 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MJD2955
MJD3055
COMPLEMENTARY POWER TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
SURFACE-MOUNTING TO-252 (DPAK)
POWER PACKAGE IN TAPE & REEL
(SUFFIX "T4")
s
ELECTRICALLY SIMILAR TO MJE2955T
AND MJE3055T
APPLICATIONS
s
GENERAL PURPOSE SWITCHING AND
AMPLIFIER
DESCRIPTION
The
MJD2955
and
MJD3055
form
complementary
PNP-NPN
pairs.
They
are
manufactured using Epitaxial Base technology for
cost-effective performance.
INTERNAL SCHEMATIC DIAGRAM
February 2002
1
3
DPAK
TO-252
(Suffix "T4")
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
NPN
MJD3055
PNP
MJD2955
VCBO
Collector-Base Voltage (IE = 0)
70
V
VCEO
Collector-Emitter Voltage (IB = 0)
60
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
10
A
IB
Base Current
6
A
Ptot
Total Dissipation at Tc = 25
o C20
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
For PNP type voltage and current values are negative.
®
1/6


Similar Part No. - MJD3055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD3055 ONSEMI-MJD3055 Datasheet
147Kb / 6P
Complementary Power Transistors
1997 REV 2
logo
STMicroelectronics
MJD3055 STMICROELECTRONICS-MJD3055 Datasheet
91Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
Jun-1998
logo
Fairchild Semiconductor
MJD3055 FAIRCHILD-MJD3055 Datasheet
44Kb / 4P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD3055 ONSEMI-MJD3055 Datasheet
78Kb / 6P
Complementary Power Transistors DPAK For Surface Mount Applications
January, 2006 ??Rev. 8
MJD3055 ONSEMI-MJD3055 Datasheet
123Kb / 6P
Complementary Power Transistors
January, 2011 ??Rev. 10
More results

Similar Description - MJD3055

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
Complementary power transistors
10-Jan-2008
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
Complementary Power Transistors
logo
Guangdong Kexin Industr...
MJD44H11 KEXIN-MJD44H11 Datasheet
46Kb / 2P
Complementary Power Transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
Complementary Power Transistors
February, 2011 ??Rev. 8
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
Complementary Power Transistors
February, 2012 ??Rev. 12
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
Complementary Power Transistors
August, 2021 ??Rev. 21
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com