Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55000000 Datasheet(PDF) 1 Page - Lapp.

Part # 55000000
Description  SILVYN® LKI-M / LKI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

55000000 Datasheet(HTML) 1 Page - Lapp.

  55000000 Datasheet HTML 1Page - Lapp. 55000000 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
55501400
DATA SHEET
Valid from:
03.07.2018
SILVYN® LKI-M / LKI
Creator: M. Wegerer /PDP
Released: DAMU1/PDP
Document: DB55501400EN
Version: 02
Page 1 of 2
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
The SILVYN
® LKI-M (metric thread) and LKI (PG thread) is a one part connector body which is
made of polypropylene, with a turn able connecting thread. The connector has a hexagonal
wrench surface and an integrated ferrule and can be used in machine and plant
constructions.
Material:
Body – Polypropylene
Ferrule – Polypropylene
Features:
Simple and easy assembling
Vibration proof and tension proof
Conduit screw-out-locking
Resistance:
To gas, oil, fat, alkalises, acids,
bases and common solvents
Temperature range
-10°C up to +110°C
Colour:
Grey
Norm Reference:
Notes:
Free of halogen and Phosphor
Self-extinguishing HB in acc. to UL 94
Protection class:
IP 65 acc. EN 60529
Dimensions table:
Part No.
Part name
Nominal
Ø
mm
inner Ø
mm
outer Ø
mm
Length of
thread
mm
Total
length
mm
SW
SILVYN
® LKI-M
5550 1400
SILVYN
® LKI-M 12x1,5
10
5,5
17,5
10
38
16
5550 1410
SILVYN
® LKI-M 16x1,5
14
9,5
21
10
39,5
19
5550 1420
SILVYN
® LKI-M 20x1,5
17
11,5
24,5
10
42
22
5550 1430
SILVYN
® LKI-M 25x1,5
21
14,5
30
11
48
27
5550 1440
SILVYN
® LKI-M 32x1,5
27
19,5
39
12
58
35
5550 1450
SILVYN
® LKI-M 40x1,5
36
27
50
12
59
45
5550 1460
SILVYN
® LKI-M 50x1,5
45
35,5
59,5
12
62,5
54
5550 1470
SILVYN
® LKI-M 63x1,5
56
46
71,5
15
68
65
SILVYN
® LKI
5500 0000
SILVYN
® LKI 7
10
5,5
17,5
10
38
16
5500 0010
SILVYN
® LKI 9
14
9,5
21
10
39,5
19
5500 0020
SILVYN
® LKI 11
17
11,5
24,5
10
42
22
5500 0030
SILVYN
® LKI 13,5
19
13
26,5
10
42
24
5500 0040
SILVYN
® LKI 16
21
14,5
30
11
48
27
5500 0050
SILVYN
® LKI 21
27
19,5
39
11
58
35
5500 0060
SILVYN
® LKI 29
36
27
50
12
59
45
5500 0070
SILVYN
® LKI 36
45
35,5
59,5
12
62,5
54
5500 0090
SILVYN
® LKI 48
56
46
71,5
15
68
65


Similar Part No. - 55000000

ManufacturerPart #DatasheetDescription
logo
Lapp.
55000531 LAPP-55000531 Datasheet
138Kb / 1P
SILVYN® BW-M / BW
03.07.2018
55000540 LAPP-55000540 Datasheet
138Kb / 1P
SILVYN® BW-M / BW
03.07.2018
55000541 LAPP-55000541 Datasheet
138Kb / 1P
SILVYN® BW-M / BW
03.07.2018
55000550 LAPP-55000550 Datasheet
138Kb / 1P
SILVYN® BW-M / BW
03.07.2018
55000551 LAPP-55000551 Datasheet
138Kb / 1P
SILVYN® BW-M / BW
03.07.2018
More results

Similar Description - 55000000

ManufacturerPart #DatasheetDescription
logo
Lapp.
55501000 LAPP-55501000 Datasheet
123Kb / 2P
SILVYN® KLICK-M
24.04.2018
55501300 LAPP-55501300 Datasheet
96Kb / 2P
SILVYN® USK-M
08.05.2018
55501850 LAPP-55501850 Datasheet
205Kb / 2P
SILVYN® SSVZ-M
06.06.2023
55502460 LAPP-55502460 Datasheet
121Kb / 2P
SILVYN® MPC-M
03.07.2018
55502601 LAPP-55502601 Datasheet
111Kb / 2P
SILVYN® US-M EE / SILVYN® US EE
07.03.2019
55502611 LAPP-55502611 Datasheet
108Kb / 2P
SILVYN® US-M AS / SILVYN® US AS
07.03.2019
55506135 LAPP-55506135 Datasheet
141Kb / 2P
SILVYN® FPAX-M
20.05.2019
55510000 LAPP-55510000 Datasheet
91Kb / 1P
SILVYN® BMC-M
27.05.2020
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
65500405 LAPP-65500405 Datasheet
103Kb / 2P
SILVYN® FLEXILOK M
03.07.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com