Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN280N085 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IXFN280N085
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXFN280N085 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IXFN280N085 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXFN280N085 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IXFN280N085 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
IXFN280N085
·
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 3mA
85
--
--
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 8mA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 100A
--
--
4.4
mΩ
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
--
--
±
200
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 85V; VGS= 0
--
--
100
µA
VSD
Diode Forward On-Voltage
IS=100A ;VGS=0
--
--
1.2
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com