Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP809-26 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP809-26
Description  3 Pin Microprocessor Supervisor Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP809-26 Datasheet(HTML) 2 Page - Sipex Corporation

  SP809-26 Datasheet HTML 1Page - Sipex Corporation SP809-26 Datasheet HTML 2Page - Sipex Corporation SP809-26 Datasheet HTML 3Page - Sipex Corporation SP809-26 Datasheet HTML 4Page - Sipex Corporation SP809-26 Datasheet HTML 5Page - Sipex Corporation SP809-26 Datasheet HTML 6Page - Sipex Corporation SP809-26 Datasheet HTML 7Page - Sipex Corporation SP809-26 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
© Copyright 2006 Sipex Corporation
V
CC .................................................................................... -0.3V to 6.5V
RESET, RESET ......................................................... -0.3 to V
CC+ 0.3V
Input Current (V
CC) ....................................................................... 20mA
Output Current (RESET, RESET).................................................. 20mA
Continuous Power Dissipation (T
A = +70ºC) ............................. 320mW
Operating Junction Temperature ................................... -40°C to +85°C
Junction Temperature.....................................................................125°C
Storage Temperature .................................................. -65°C to +150°C
These are stress ratings only and functional operation of the device at these
ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
Typical values are at T
A = 25°C, unless otherwise specified. (Note 1)
ABSOLUTE MAXIMUM RATINGS
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
.
n
i
M
.
p
y
T
.
x
a
M
s
t
i
n
U
s
n
o
i
t
i
d
n
o
C
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
V
C
C
9
.
0
0
.
6
V
t
n
e
r
r
u
C
y
l
p
p
u
S
I
C
C
0
.
1
0
.
3
A
µ
V
C
C
V
=
H
T
V
1
.
0
+
d
l
o
h
s
e
r
h
T
t
e
s
e
R
V
H
T
5
6
2
.
2
3
.
2
5
3
3
.
2
V
3
2
-
9
0
8
P
S
T
A
C
º
5
2
+
=
4
5
2
.
2
6
4
3
.
2
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
1
6
5
.
2
6
.
2
9
3
6
.
2
6
2
-
9
0
8
P
S
T
A
C
º
5
2
+
=
8
4
5
.
2
2
5
6
.
2
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
7
5
8
.
2
9
.
2
4
4
9
.
2
9
2
-
9
0
8
P
S
T
A
C
º
5
2
+
=
2
4
8
.
2
8
5
9
.
2
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
4
5
0
.
3
1
.
3
7
4
1
.
3
1
3
-
9
0
8
P
S
T
A
C
º
5
2
+
=
8
3
0
.
3
2
6
1
.
3
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
0
4
9
.
3
0
.
4
0
6
0
.
4
0
4
-
9
0
8
P
S
T
A
C
º
5
2
+
=
0
2
9
.
3
0
8
0
.
4
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
4
3
3
.
4
4
.
4
6
6
4
.
4
4
4
-
9
0
8
P
S
T
A
C
º
5
2
+
=
2
1
3
.
4
8
8
4
.
4
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
1
3
5
.
4
6
.
4
9
6
6
.
4
6
4
-
9
0
8
P
S
T
A
C
º
5
2
+
=
8
0
5
.
4
2
9
6
.
4
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
V
C
C
y
a
l
e
D
t
e
s
e
R
V
P
I
R
T
0
2
S
µ
V
C
C
V
=
H
T
V
(
o
t
H
T
V
,
)
V
1
.
0
-
H
T
V
1
.
3
=
t
u
o
e
m
i
T
e
v
i
t
c
A
t
e
s
e
R
d
o
i
r
e
P
T
P
R
0
4
1
0
3
2
0
6
5
s
m
V
C
C
V
=
)
X
A
M
(
H
T
T
A
C
º
5
2
+
=
0
0
1
0
3
0
1
T
A
C
º
5
8
+
o
t
C
º
0
4
-
=
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
V
H
O
V
8
.
0
C
C
V
V
C
C
V
=
H
T
I
,
V
1
.
0
-
E
C
R
U
O
S
A
m
2
.
1
=
V
L
O
3
.
0
V
C
C
V
=
H
T
I
,
V
1
.
0
+
K
N
I
S
A
m
2
.
1
=
_
_
_
_
_
_
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
V
H
O
V
8
.
0
C
C
V
V
C
C
V
=
H
T
I
,
V
1
.
0
+
E
C
R
U
O
S
A
m
2
.
1
=
V
L
O
3
.
0
V
C
C
V
=
H
T
I
,
V
1
.
0
-
K
N
I
S
A
m
2
.
1
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com