Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP809-29 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP809-29
Description  3 Pin Microprocessor Supervisor Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP809-29 Datasheet(HTML) 6 Page - Sipex Corporation

  SP809-29 Datasheet HTML 1Page - Sipex Corporation SP809-29 Datasheet HTML 2Page - Sipex Corporation SP809-29 Datasheet HTML 3Page - Sipex Corporation SP809-29 Datasheet HTML 4Page - Sipex Corporation SP809-29 Datasheet HTML 5Page - Sipex Corporation SP809-29 Datasheet HTML 6Page - Sipex Corporation SP809-29 Datasheet HTML 7Page - Sipex Corporation SP809-29 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
© Copyright 2006 Sipex Corporation
PACKAGE: 3 PIN SOT-23
E
E1
e
e1
D
b
1
2
3
TOP VIEW
(L1)
FRONT VIEW
L
Gauge Plane
L2
c
ø
Seating
Plane
MIN
NOM
MAX
MIN
NOM
MAX
b
0.30
-
0.50
0.012
-
0.020
c
0.08
-
0.20
0.003
-
0.008
D
2.80
2.90
3.04
0.110
0.114
0.120
E
2.10
-
2.64
0.083
-
0.104
E1
1.20
1.30
1.40
0.047
0.051
0.055
e
e1
L
0.40
0.50
0.60
0.016
0.020
0.024
L1
L2
Ø
0º
-
8º
0º
-
8º
A
0.89
-
1.12
0.035
-
0.044
A1
0.01
-
0.10
0.000
-
0.004
A2
0.88
0.95
1.02
0.035
0.037
0.040
SIPEX Pkg Signoff Date/Rev:
JL Oct25-05 / Rev A
0.075 BSC
1.90 BSC
0.25 BSC
SYMBOL
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
0.010 BSC
0.038 BSC
0.95 BSC
3 Pin SOT-23
JEDEC TO-236
Variation AB
0.54 REF
0.021 REF
SIDE VIEW
A
A1
A2
Seating
Plane



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com