Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP809-31 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP809-31
Description  3 Pin Microprocessor Supervisor Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP809-31 Datasheet(HTML) 1 Page - Sipex Corporation

  SP809-31 Datasheet HTML 1Page - Sipex Corporation SP809-31 Datasheet HTML 2Page - Sipex Corporation SP809-31 Datasheet HTML 3Page - Sipex Corporation SP809-31 Datasheet HTML 4Page - Sipex Corporation SP809-31 Datasheet HTML 5Page - Sipex Corporation SP809-31 Datasheet HTML 6Page - Sipex Corporation SP809-31 Datasheet HTML 7Page - Sipex Corporation SP809-31 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
© Copyright 2006 Sipex Corporation
3 Pin Microprocessor Supervisor Circuit
SP809 / SP810
DESCRIPTION
FEATURES
■ Ultra Low Supply Current 1µA (typ.)
■ Guaranteed Reset valid to VCC = 0.9V
■ 140 ms Min. Power-On Reset Pulse Width
■ Internally Fixed Threshold 2.3V, 2.6V, 2.9V,
3.1V, 4.0V, 4.4V, 4.6V
■ Tight Voltage Threshold Tolerance: 1.5%
■ Offered in a 3 Pin SOT-23 Package
The SP809/SP810 are low power microprocessor (µP) supervisory circuits used to monitor
power supplies in µP and digital systems. They provide applications with benefits of circuit
reliability and low cost by eliminating external components. If the V
CC supply voltage falls below
preset threshold then a reset signal is asserted for at least 140ms after V
CC has risen above the
reset threshold. Both the SP809 and SP810 were designed with a reset comparator to help
identify invalid signals, which last less than 140ms. The only difference between them is that they
have an active-low RESET output and active-high RESET output, respectively. Low supply
current (1µA) makes SP809/SP810 ideal for portable equipment. The devices are available in
3 pin SOT-23 package.
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
■ Portable Electronic Devices
■ Electrical Power Meter
■ Digital Still Camera
■ µP Power Monitoring
Now Available in Lead Free Packaging
SP809
3 Pin SOT-23
RESET
VCC
GND
RESET
GND
VCC
RESET
(RESET)
VCC
VCC
GND
Push-Pull output
µP
r
e
b
m
u
N
t
r
a
P
e
p
y
T
t
u
p
t
u
O
N
9
0
8
P
S
w
o
L
e
v
i
t
c
A
n
i
a
r
D
-
n
e
p
O
9
0
8
P
S
w
o
L
e
v
i
t
c
A
ll
u
P
-
h
s
u
P
0
1
8
P
S
h
g
i
H
e
v
i
t
c
A
ll
u
P
-
h
s
u
P


Similar Part No. - SP809-31

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP809 EXAR-SP809 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-3TR EXAR-SP809EK-L-2-3TR Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-6TR EXAR-SP809EK-L-2-6TR Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
SP809EK-L-2-9TR EXAR-SP809EK-L-2-9TR Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
More results

Similar Description - SP809-31

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
3-Pin 關C Supervisor Circuit
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
3-Pin Microprocessor Reset Circuit
logo
Fairchild Semiconductor
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
3-Pin uC Supervisor Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Micrel Semiconductor
MIC803 MICREL-MIC803 Datasheet
258Kb / 10P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
3-PIN MICROPROCESSOR RESET CIRCUIT
Rev 1
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
3 Pin Microprocessor Supervisor Circuit
logo
Micrel Semiconductor
MIC803 MICREL-MIC803_15 Datasheet
612Kb / 12P
3-Pin Microprocessor Supervisor Circuit with Open-Drain Reset Output
logo
Diodes Incorporated
APX803S DIODES-APX803S Datasheet
356Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com