Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP809-40 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP809-40
Description  3 Pin Microprocessor Supervisor Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP809-40 Datasheet(HTML) 4 Page - Sipex Corporation

  SP809-40 Datasheet HTML 1Page - Sipex Corporation SP809-40 Datasheet HTML 2Page - Sipex Corporation SP809-40 Datasheet HTML 3Page - Sipex Corporation SP809-40 Datasheet HTML 4Page - Sipex Corporation SP809-40 Datasheet HTML 5Page - Sipex Corporation SP809-40 Datasheet HTML 6Page - Sipex Corporation SP809-40 Datasheet HTML 7Page - Sipex Corporation SP809-40 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
© Copyright 2006 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-40
-20
0
20
40
60
80
100
Temperature (ºC)
VTH = 3.1V
VTH = 4.6V
VTH = 2.3V
0
20
40
60
80
100
120
140
160
180
200
220
240
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
VTH = 3.1V
VOD = VTH - VCC
VOD = 200mV
VOD = 100mV
VOD = 50mV
0
100
200
300
400
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
VOD = 200mV
V
TH
= 4.6V
V
OD = VTH
- VCC
VOD = 100mV
VOD = 50mV
0
100
200
300
400
500
600
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
VTH = 2.3V
VTH = 3.1V
VTH = 4.6V
Figure 1. Supply Current vs. Temperature
Figure 2. Power-Down Reset Delay vs. Temperature
Figure 3. Power-Down Reset Delay vs. Temperature
Figure 4. Power-Down Reset Delay vs. Temperature
Figure 5. Normalized Reset Threshold vs. Temperature
Figure 6. Power-Up Reset Time-out vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
110
120
-60
-40
-20
0
20
40
60
80
100
Temperature (°C)
VTH = 2.3V
VOD = VTH - VCC
VOD = 200mV
VOD = 100mV
VOD = 50mV
0.985
0.990
0.995
1.000
1.005
1.010
1.015
-40
-20
0
20
40
60
80
100
Temperature (ºC)
VTH = 3.1V
V
TH
= 4.6V
VTH = 2.3V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com