Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP809-44 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP809-44
Description  3 Pin Microprocessor Supervisor Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP809-44 Datasheet(HTML) 7 Page - Sipex Corporation

  SP809-44 Datasheet HTML 1Page - Sipex Corporation SP809-44 Datasheet HTML 2Page - Sipex Corporation SP809-44 Datasheet HTML 3Page - Sipex Corporation SP809-44 Datasheet HTML 4Page - Sipex Corporation SP809-44 Datasheet HTML 5Page - Sipex Corporation SP809-44 Datasheet HTML 6Page - Sipex Corporation SP809-44 Datasheet HTML 7Page - Sipex Corporation SP809-44 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Date: 5/02/06 Rev B
SP809/810, 3 Pin Microprocessor Supervisor Circuit
© Copyright 2006 Sipex Corporation
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 2,500 for SOT-23.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP809EK-2-3/TR = standard; SP809EK-L-2-3/TR = lead free
Part Number
Top Mark
Temperature Range
Package Type
SP809EK-2-3 ......................... N4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-2-3/TR ................... N4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-2-6 ......................... P4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-2-6/TR ................... P4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-2-9 ......................... Q4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-2-9/TR ................... Q4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-3-1 ......................... R4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-3-1/TR ................... R4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-4-0 ......................... S4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-4-0/TR ................... S4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-4-4 ......................... T4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-4-4/TR ................... T4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-4-6 ......................... U4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809EK-4-6/TR ................... U4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-2-3 ...................... V4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-2-3/TR ................ V4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-2-6 ..................... W4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-2-6/TR ............... W4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-2-9 ...................... X4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-2-9/TR ................ X4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-3-1 ...................... Y4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-3-1/TR ................ Y4WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-4-0 ...................... A5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-4-0/TR ................ A5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-4-4 ...................... B5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-4-4/TR ................ B5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-4-6 ...................... C5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
SP809NEK-4-6/TR ................ C5WW..................-40°C to 85°C .......................... 3 Pin SOT-23
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Solved By Sipex
TM
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com