Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD679 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD679
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD679 Datasheet(HTML) 2 Page - STMicroelectronics

  BD679 Datasheet HTML 1Page - STMicroelectronics BD679 Datasheet HTML 2Page - STMicroelectronics BD679 Datasheet HTML 3Page - STMicroelectronics BD679 Datasheet HTML 4Page - STMicroelectronics BD679 Datasheet HTML 5Page - STMicroelectronics BD679 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
3.12
100
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCE = rated VCBO
VCE = rated VCBO
TC = 100
oC
0.2
2
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = half rated VCEO
0.5
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
2
mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 50 mA
for BD677/677A/678/678A
for BD679/679A/680/680A
for BD681/682
60
80
100
V
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
for BD677/678/679/680/681/682
IC = 1.5 A
IB = 30 mA
for BD677A/678A/679A/680A
IC = 2 A
IB = 40 mA
2.5
2.8
V
V
VBE
∗
Base-Emitter Voltage
for BD677/678/679/680/681/682
IC = 1.5 A
VCE = 3 V
for BD677A/678A/679A/680A
IC = 2 A
VCE = 3 V
2.5
2.5
V
V
hFE
∗
DC Current Gain
for BD677/678/679/680/681/682
IC = 1.5 A
VCE = 3 V
for BD677A/678A/679A/680A
IC = 2 A
VCE = 3 V
750
750
hfe
Small Signal Current
Gain
IC = 1.5 A
VCE = 3 V
f = 1MHz
1
* Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
For PNP types voltage and current values are negative.
Safe Operating Areas
Derating Curve
BD677/677A/678/678A/679/679A/680/680A/681/682
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com