Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

65N55F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 65N55F3
Description  N-channel 55V - 8.0m ohm - 65A - DPAK STripFET TM Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

65N55F3 Datasheet(HTML) 1 Page - STMicroelectronics

  65N55F3 Datasheet HTML 1Page - STMicroelectronics 65N55F3 Datasheet HTML 2Page - STMicroelectronics 65N55F3 Datasheet HTML 3Page - STMicroelectronics 65N55F3 Datasheet HTML 4Page - STMicroelectronics 65N55F3 Datasheet HTML 5Page - STMicroelectronics 65N55F3 Datasheet HTML 6Page - STMicroelectronics 65N55F3 Datasheet HTML 7Page - STMicroelectronics 65N55F3 Datasheet HTML 8Page - STMicroelectronics 65N55F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2007
Rev 2
1/13
13
STD65N55F3
N-channel 55V - 8.0m
Ω - 65A - DPAK
STripFET™ Power MOSFET
General features
■ Standard threshold drive
■ 100% avalanche tested
Description
This n-channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronics' unique “Single Feature
Size™“ strip-based process, which has
decreased the critical alignment steps, offering
remarkable manufacturing reproducibility. The
outcome is a transistor with extremely high
packing density for low onresistance, rugged
avalanche characteristics and low gate charge.
Applications
■ Switching application
– Automotive
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STD65N55F3
55V
<10.5m
Ω
65A
110W
DPAK
1
3
www.st.com
Order code
Part number
Marking
Package
Packaging
STD65N55F3
65N55F3
DPAK
Tape & reel


Similar Part No. - 65N55F3

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
65N-A MSYSTEM-65N-A Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
65N-H MSYSTEM-65N-H Datasheet
96Kb / 3P
Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
ON Semiconductor
65N02R ONSEMI-65N02R Datasheet
76Kb / 8P
Power MOSFET 65 A, 24 V N-Channel TO-220, D2PAK
May, 2005 ??Rev. 6
logo
VBsemi Electronics Co.,...
65N03G VBSEMI-65N03G Datasheet
959Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Nell Semiconductor Co.,...
65N06 NELLSEMI-65N06 Datasheet
644Kb / 8P
N-Channel Power MOSFET
More results

Similar Description - 65N55F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55L-06 STMICROELECTRONICS-STB80NF55L-06 Datasheet
85Kb / 8P
N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
Oct-1999
STD30NE06 STMICROELECTRONICS-STD30NE06 Datasheet
47Kb / 5P
N - CHANNEL 60V - 0.025 ohm - 30A - DPAK STripFET POWER MOSFET
Jul-1998
STD30NF03L STMICROELECTRONICS-STD30NF03L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 30A DPAK STripFET POWER MOSFET
Oct-1999
STD45NF03L STMICROELECTRONICS-STD45NF03L Datasheet
47Kb / 6P
N - CHANNEL 30V - 0.011 ohm - 45A DPAK STripFET POWER MOSFET
Sep-1999
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD60N55 STMICROELECTRONICS-STD60N55 Datasheet
216Kb / 12P
N-channel 55V - 8.0m??- 65A - DPAK - IPAK MDmesh??low voltage Power MOSFET
17-Jul-2005
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
19-Jul-2006
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
N-channel 55V - 0.012Ω - 60A - DPAK STripFET™II Power MOSFET
25-Sep-2006
STD65N55 STMICROELECTRONICS-STD65N55 Datasheet
210Kb / 11P
N-channel 55V - 8.0mΩ - 65A - DPAK MDmesh™ low voltage Power MOSFET
13-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com