Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSS44 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BSS44
Description  SILICON PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BSS44 Datasheet(HTML) 2 Page - STMicroelectronics

  BSS44 Datasheet HTML 1Page - STMicroelectronics BSS44 Datasheet HTML 2Page - STMicroelectronics BSS44 Datasheet HTML 3Page - STMicroelectronics BSS44 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-amb
Max
35
200
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE=0)
VCE = -60 V
-0.5
µA
V(BR)CBO
∗
Collector-base
Breakdown Voltage
(IE = 0)
IC = -1 mA
-65
V
VCEO(sus)
∗
Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = -50 mA
-60
V
VEBO
∗
Emitter-base Voltage
(IC = 0)
IE =.- 1 mA
-6
V
VCE(sat)
∗
Collector-Emitter
Saturation Voltage
IC = -0.5 A
IB = -50 mA
IC = - 5 A
IB = -0.5 A
-0.1
-0.4
-1
V
V
VBE(sat)
∗
Base-Emitter
Saturation Voltage
IC = -0.5 A
IB = -50 mA
IC = - 5 A
IB = -0.5 A
-0.8
-1.1
-1.6
V
V
hFE
∗
DC Current Gain
IC = -0.5 A
VCE = -2 V
IC = -2 A
VCE = -2 V
IC = -5 A
VCE = -2 V
30
40
70
45
fT
∗
Transition Frequency
IC = -0.5 A
VCE = -5 V
80
MHz
CCBO
Collector-base
Capacitance
IE = 0
VCB = 10 V
f = 1 MHz
100
pF
ton
Turn-on Time
IC = -0.5 A
VCC = -20 V
IB1 = -IB2 = -50 mA
0.065
µs
toff
Turn-off Time
0.45
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BSS44
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com