Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL704 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUL704
Description  High voltage fast-switching NPN Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL704 Datasheet(HTML) 4 Page - STMicroelectronics

  BUL704 Datasheet HTML 1Page - STMicroelectronics BUL704 Datasheet HTML 2Page - STMicroelectronics BUL704 Datasheet HTML 3Page - STMicroelectronics BUL704 Datasheet HTML 4Page - STMicroelectronics BUL704 Datasheet HTML 5Page - STMicroelectronics BUL704 Datasheet HTML 6Page - STMicroelectronics BUL704 Datasheet HTML 7Page - STMicroelectronics BUL704 Datasheet HTML 8Page - STMicroelectronics BUL704 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
BUL704
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Note (1) Pulsed duration = 300
µs, duty cycle ≤1.5%
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =-1.5V)
VCE =700V
VCE =700V
Tj =125°C
100
500
µA
µA
ICEO
Collector cut-off current
(IB =0)
VCE =400V
250
µA
VEBO
Emitter-base voltage
(IC = 0)
IE =10mA
10
V
VCEO(sus) (1)
Collector-emitter
sustaining voltage
(IB = 0)
IC =100mA
L =25mH
400
V
VCE(sat) (1) Collector-emitter
saturation voltage
IC =1A
IB =0.2A
IC =2.5A
IB =0.5A
0.5
0.8
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC =1A
IB =0.2A
IC =2.5A
IB =0.5A
1.1
1.2
V
V
hFE
DC current gain
IC =10mA
VCE =5V
IC =2A
VCE =5V
10
14
28
ts
tf
Resistive load
Storage time
Fall time
VCC =125V
IC =2A
IB1 = -IB2 =0.4A
tp = 30µs (see fig.12 )
1.5
0.2
3
0.4
µs
µs
ts
tf
Inductive load
Storage time
Fall time
IC =2A
IB1 =0.4A
VBE(off) =-5V
RBB =0Ω
Vclamp=200V (see fig.13)
0.6
0.1
1
0.2
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com