Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1560CT Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MBR1560CT
Description  MBR1560CT/MBRB1560CT/MBR1560CT-1 SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBR1560CT Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MBR1560CT Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 4Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 5Page - SMC Diode Solutions Co. LTD MBR1560CT Datasheet HTML 6Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Data Sheet N0727, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBR1560CT
MBRB1560CT
MBR1560CT-1
* Pulse width < 300 µs, duty cycle < 2%
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Case(Per Leg)
RJC
DC operation
2.0
C/W
Typical Thermal
Resistance Junction to Ambient
RJA
DC operation
60
C/W
Case Style
TO-220AB D2PAK TO-262
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Electrical Characteristics:
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop
(Per Leg)*
VF1
@ 15A, Pulse, TJ = 25 C
0.85
0.90
V
VF2
@ 15A, Pulse, TJ = 125 C
0.73
0.80
V
Reverse Current
(Per Leg)*
IR1
@VR = rated VR
TJ = 25 C
0.02
1.0
mA
IR2
@VR = rated VR
TJ = 125 C
8
50
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C
fSIG = 1MHz
130
300
pF
Typical Series Inductance
(Per Leg)
LS
Measured lead to lead 5 mm from
package body
8.0
-
nH
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
Thermal-Mechanical Specifications:
Tube Specification
Tube Specification(TO-220AB/TO-262)
Device
Package
Weight
Shipping
MBR1560CT
TO-220AB
1.8g
50pcs / tube
MBRB1560CT
D²PAK
1.85g
800pcs / reel
MBR1560CT-1
TO-262
1.85g
50pcs / tube



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com