Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPOS-P03 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UPOS-P03
Description  MSRRFID
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-P03 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UPOS-P03 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UPOS-P03
MSR+RFID
UPOS-P03
MSR + Fingerprint
Ordering Information
P/N
Specifications
Ordering Information
P/N
UPOS-P03-B114
Description
MSR+Fingerprint for UPOS-211,black
Ubiquitous
POS 2XX Modules
All product specifications are subject to change without notice
Last updated :
11-Nov-2017
Specifications
MSR + RFID 2 in 1 module
3ips~100ips(7cm/s~250cm/s)
5VDC+/-10%
>=500000 times
1 IATA: 210bpi,79 alphanumeric characters,7 bits/char
2 ABA:75bpi,40 numeric characters,5 bits/char
3 THRIFT: 210bpi,107 numeric characters,5 bits/char
ISO7811,7810
106x41.8x44.2(mm)
Operation Temp. 0℃ — +40℃
Storage Temp. -40℃ — +55℃
Environment
Dimension
MSR:PS2
RFID:USB
Product Name
Read Speed-MSR
Power Supply
Life Cycle-MSR
Track-MSR
ISO - MSR
IO Interface
(ISO TRACK 1,2,3)
Mifare: 1~3cm
ISO 15693: 2~4cm
Read Range - RFID
13.56MHz standard
Frequency - RFID
Read / Writer
Transponder -RFID
Supported Protocols - RFID
ISO14443A/B, all bit rates:106 kpbs;
ISO15693, all modes:
- Downlink 1 of 4 and 1 of 256
- Uplink 6.6/13/26/53 kpbs with 1 & 2 sub-carrier
19200,N,8,1
Baud Rate - RFID
MSR + Fingerprint 2 in 1 module
3ips~100ips(7cm/s~250cm/s)
5VDC+/-10%
>=500000 times
1 IATA: 210bpi,79 alphanumeric characters,7 bits/char
2 ABA:75bpi,40 numeric characters,5 bits/char
3 THRIFT: 210bpi,107 numeric characters,5 bits/char
ISO7811,7810
106x41.8x44.2(mm)
Operation Temp. 0℃ — +40℃
Storage Temp. -40℃ — +55℃
Environment
Dimension
MSR:PS2
Fingerprint:USB
Product Name
Read Speed-MSR
Power Supply
Life Cycle-MSR
Track-MSR
ISO - MSR
IO Interface
(ISO TRACK 1,2,3)
Suspend mode:<0.5mA (Maximum)
>15kV, mounted in case
ESD Susceptibility
Idle mode:100mA (Typical)
Supply Current -Fingerprint
Scanning:130mA (Typical)
Supported Protocols - RFID ISO14443A/B, all bit rates:106 kpbs;
8-bit grayscale
Scan Data
Standards Compliance
RoHS, WEEE, UL, USB, WHQL
UPOS-P03-B113
UPOS-P03-A102
UPOS-P03-A302
Description
MSR+RFID for UPOS-211,black
MSR, PS2+RFID for UPOS-510/UPOS-520
MSR, RFID, BK for UPOS-530
UPOS-P03-A103
UPOS-P03-A303
MSR, PS2+fingerprint for UPOS-510/UPOS-520
MSR, fingerprinter, BK for UPOS-530
UPOS-P03-B116
RFID for UPOS-211,black


Similar Part No. - UPOS-P03

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
Magnetic Stripe Card Reader
17-Nov-2017
UPOS-P03-B110 ADVANTECH-UPOS-P03-B110 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-P03-B112 ADVANTECH-UPOS-P03-B112 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-P03-B113 ADVANTECH-UPOS-P03-B113 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
UPOS-P03-B114 ADVANTECH-UPOS-P03-B114 Datasheet
1,020Kb / 3P
15" Ubiquitous POS Terminal
More results

Similar Description - UPOS-P03

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393223-1 MACOM-2-1393223-1 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1393223-5 MACOM-2-1393223-5 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
V23061A1004A302 MACOM-V23061A1004A302 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
logo
Keysight Technologies
N9083A KEYSIGHT-N9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
W9083A KEYSIGHT-W9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
RFID
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
RFID
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
RFID
logo
Cyntec Co., Ltd.
HTEK12100F-000 CYNTEC-HTEK12100F-000 Datasheet
192Kb / 3P
Power Choke Coil HTEK12100F MSR type
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com