Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6300AG Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1N6300AG
Description  1500 Watt Mosorb TM Zener Transient Voltage Suppressors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N6300AG Datasheet(HTML) 3 Page - ON Semiconductor

  1N6300AG Datasheet HTML 1Page - ON Semiconductor 1N6300AG Datasheet HTML 2Page - ON Semiconductor 1N6300AG Datasheet HTML 3Page - ON Semiconductor 1N6300AG Datasheet HTML 4Page - ON Semiconductor 1N6300AG Datasheet HTML 5Page - ON Semiconductor 1N6300AG Datasheet HTML 6Page - ON Semiconductor 1N6300AG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N6267A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 3) = 100 A)
Device†
JEDEC
Device†
(Note 4)
VRWM
(Note 5)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 7)
QVBR
VBR (Note 6) (Volts)
@ IT
VC
IPP
(Volts)
(
mA)
Min
Nom
Max
(mA)
(Volts)
(A)
(%/
°C)
1.5KE6.8A, G
1N6267A, G
5.8
1000
6.45
6.8
7.14
10
10.5
143
0.057
1.5KE7.5A, G
1N6268A, G
6.4
500
7.13
7.5
7.88
10
11.3
132
0.061
1.5KE8.2A, G
1N6269A, G
7.02
200
7.79
8.2
8.61
10
12.1
124
0.065
1.5KE9.1A, G
1N6270A, G
7.78
50
8.65
9.1
9.55
1
13.4
112
0.068
1.5KE10A, G
1N6271A, G
8.55
10
9.5
10
10.5
1
14.5
103
0.073
1.5KE11A, G
1N6272A, G
9.4
5
10.5
11
11.6
1
15.6
96
0.075
1.5KE12A, G
1N6273A, G
10.2
5
11.4
12
12.6
1
16.7
90
0.078
1.5KE13A, G
1N6274A, G
11.1
5
12.4
13
13.7
1
18.2
82
0.081
1.5KE15A, G
1N6275A, G
12.8
5
14.3
15
15.8
1
21.2
71
0.084
1.5KE16A, G
1N6276A, G
13.6
5
15.2
16
16.8
1
22.5
67
0.086
1.5KE18A, G
1N6277A, G
15.3
5
17.1
18
18.9
1
25.2
59.5
0.088
1.5KE20A, G
1N6278A, G
17.1
5
19
20
21
1
27.7
54
0.09
1.5KE22A, G
1N6279A, G
18.8
5
20.9
22
23.1
1
30.6
49
0.092
1.5KE24A, G
1N6280A, G
20.5
5
22.8
24
25.2
1
33.2
45
0.094
1.5KE27A, G
1N6281A, G
23.1
5
25.7
27
28.4
1
37.5
40
0.096
1.5KE30A, G
1N6282A, G
25.6
5
28.5
30
31.5
1
41.4
36
0.097
1.5KE33A, G
1N6283A, G
28.2
5
31.4
33
34.7
1
45.7
33
0.098
1.5KE36A, G
1N6284A, G
30.8
5
34.2
36
37.8
1
49.9
30
0.099
1.5KE39A, G
1N6285A, G
33.3
5
37.1
39
41
1
53.9
28
0.1
1.5KE43A, G
1N6286A, G
36.8
5
40.9
43
45.2
1
59.3
25.3
0.101
1.5KE47A, G
1N6287A, G
40.2
5
44.7
47
49.4
1
64.8
23.2
0.101
1.5KE51A, G
1N6288A, G
43.6
5
48.5
51
53.6
1
70.1
21.4
0.102
1.5KE56A, G
1N6289A, G
47.8
5
53.2
56
58.8
1
77
19.5
0.103
1.5KE62A, G
1N6290A, G
53
5
58.9
62
65.1
1
85
17.7
0.104
1.5KE68A, G
1N6291A, G
58.1
5
64.6
68
71.4
1
92
16.3
0.104
1.5KE75A, G
1N6292A, G
64.1
5
71.3
75
78.8
1
103
14.6
0.105
1.5KE82A, G
1N6293A, G
70.1
5
77.9
82
86.1
1
113
13.3
0.105
1.5KE91A, G
1N6294A, G
77.8
5
86.5
91
95.5
1
125
12
0.106
1.5KE100A, G
1N6295A, G
85.5
5
95
100
105
1
137
11
0.106
1.5KE110A, G
1N6296A, G
94
5
105
110
116
1
152
9.9
0.107
1.5KE120A, G
1N6297A, G
102
5
114
120
126
1
165
9.1
0.107
1.5KE130A, G
1N6298A, G
111
5
124
130
137
1
179
8.4
0.107
1.5KE150A, G
1N6299A, G
128
5
143
150
158
1
207
7.2
0.108
1.5KE160A, G
1N6300A, G
136
5
152
160
168
1
219
6.8
0.108
1.5KE170A, G
1N6301A, G
145
5
162
170
179
1
234
6.4
0.108
1.5KE180A, G
1N6302A, G*
154
5
171
180
189
1
246
6.1
0.108
1.5KE200A, G
1N6303A, G
171
5
190
200
210
1
274
5.5
0.108
1.5KE220A, G
185
5
209
220
231
1
328
4.6
0.109
1.5KE250A, G
214
5
237
250
263
1
344
5
0.109
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and best overall value.
3. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.
4. Indicates JEDEC registered data
5. A transient suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which should be equal to or
greater than the dc or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at an ambient temperature of 25°C
7. Surge current waveform per Figure 5 and derate per Figures 1 and 2.
†The “G” suffix indicates Pb−Free package available.
*Not Available in the 1500/Tape & Reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com