Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207ECDR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST207ECDR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207ECDR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST207ECDR Datasheet HTML 3Page - STMicroelectronics ST207ECDR Datasheet HTML 4Page - STMicroelectronics ST207ECDR Datasheet HTML 5Page - STMicroelectronics ST207ECDR Datasheet HTML 6Page - STMicroelectronics ST207ECDR Datasheet HTML 7Page - STMicroelectronics ST207ECDR Datasheet HTML 8Page - STMicroelectronics ST207ECDR Datasheet HTML 9Page - STMicroelectronics ST207ECDR Datasheet HTML 10Page - STMicroelectronics ST207ECDR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST207E
Electrical characteristics
7/17
Table 7.
Timing characteristics
(C1 - C4 = 0.1µF, VCC = 5V ± 5%, TA = min. to max., unless otherwise specified. Typical
values are referred to TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
DR
Maximum data rate
RL = 3KΩ to 7KΩ
CL= 50pF to 1000pF
one transmitter switching
150
240
Kbps
RL = 3KΩ to 7KΩ CL= 50pF to 150pF
one transmitter switching
230
300
Kbps
tPHLR
tPLHR
Receiver propagation
delay
All drivers loaded with 3K
Ω to GND
0.2
10
µs
tPHLT
tPLHT
Transmitter propagation
delay
RL = 3KΩ CL= 2500pF
All transmitter loaded
23
µs
SR
Transition-region slew
rate
TA = 25°C RL = 3 to 7KΩ VCC = 5V
CL = 50pF to 1000pF measured from
+3V to -3V or -3V to +3V
37
30
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com