Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207ECPR Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST207ECPR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207ECPR Datasheet(HTML) 4 Page - STMicroelectronics

  ST207ECPR Datasheet HTML 1Page - STMicroelectronics ST207ECPR Datasheet HTML 2Page - STMicroelectronics ST207ECPR Datasheet HTML 3Page - STMicroelectronics ST207ECPR Datasheet HTML 4Page - STMicroelectronics ST207ECPR Datasheet HTML 5Page - STMicroelectronics ST207ECPR Datasheet HTML 6Page - STMicroelectronics ST207ECPR Datasheet HTML 7Page - STMicroelectronics ST207ECPR Datasheet HTML 8Page - STMicroelectronics ST207ECPR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin configuration
ST207E
4/17
18
T3IN
TTL/CMOS driver input internal pull-up to VCC
19
T4IN
TTL/CMOS driver input internal pull-up to VCC
20
T5OUT
RS-232 driver output
21
T5IN
TTL/CMOS driver input internal pull-up to VCC
22
R2OUT
TTL/CMOS receiver output
23
R2IN
RS-232 receiver input
24
T4OUT
RS-232 driver output
Table 1.
Pin description
PlN N°
SYMBOL
NOTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com